Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SPF1
Description  Thin Film Metallized Plates - Custom Substrates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPF1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SPF1 Datasheet HTML 1Page - Vishay Siliconix SPF1 Datasheet HTML 2Page - Vishay Siliconix SPF1 Datasheet HTML 3Page - Vishay Siliconix SPF1 Datasheet HTML 4Page - Vishay Siliconix SPF1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPF1
www.vishay.com
Vishay Electro-Films
Revision: 18-Feb-2021
2
Document Number: 61105
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTOR MATERIAL
Typical reasons for using NiCr resistor material are for long term stability and high sheet rho. Typical recommended uses for
TaN are for non-hermetic applications where self-passivation is important.
RESISTOR MATERIAL
RESISTOR CODE
RESISTOR MATERIAL
SHEET RHO
(
Ω/SQ)
± 20 %
TCR
(ppm/°C)
TYPICAL VALUES
ANiCr
25
± 50
B
NiCr
50
± 100
C
NiCr
100
± 200
D
NiCr
200
± 250
1
TaN
25
± 50
2
TaN
50
± 100
3
TaN
75
± 250
METAL STACK
METAL
CODE
METAL STACK
TYPICAL
APPLICATION
TYPICAL
ATTACHMENT
METHOD
1
TiW (500 Å to 1000 Å) / Au (50 μ" min.)
Au and Al wirebondable
Epoxy
2
TiW (500 Å to 1000 Å) / Au (100 μ" min.)
Au and Al wirebondable
Epoxy
3
TiW (500 Å to 1000 Å) / Au (15 μ" to 40 μ") / Ni (20 μ" to 80 μ") / Au (50 μ" min.)
Au and Al wirebondable
and solderable
Epoxy or solder
4
TiW (500 Å to 1000 Å) / Au (15 μ" to 40 μ") / Ni (20 μ" to 80 μ") / Au (100 μ" min.)
Au and Al wirebondable
and solderable
Epoxy or solder
5
TiW (500 Å to 1000 Å) / Pd (1500 Å to 2500 Å) / Au (50 μ" min.)
Au and Al wirebondable
and solderable
Epoxy or solder
6
TiW (500 Å to 1000 Å) / Pd (1500 Å to 2500 Å) / Au (100 μ" min.)
Au and Al wirebondable
and solderable
Epoxy or solder
7
Cr (500 Å to 1500 Å) / Cu (5000 Å to 7000 Å) / Au (100 μ" min.)
Au and Al wirebondable
Epoxy
8
Cr (500 Å to 1500 Å) / Cu (500 u" min.) / Ni (20 μ" to 80 μ") / Au (100 μ" min.)
Au and Al wirebondable
and solderable.
High power applications
for low metal resistivity
Epoxy or solder



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com