Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT46C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT46C
Description  Surface Mount Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT46C Datasheet(HTML) 1 Page - Vishay Siliconix

  XT46C Datasheet HTML 1Page - Vishay Siliconix XT46C Datasheet HTML 2Page - Vishay Siliconix XT46C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35021
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 09-Mar-10
1
Surface Mount Crystal
XT46C
Vishay Dale
This part is an ultra miniature package with size of
6.0 mm x 3.5 mm x 1.0 mm. With its ceramic base and metal
cover it provides the durability and reliability necessary for
strenuous process like infrared and vapor phase reflow.
FEATURES
• Ultra-miniature size: 6.0 x 3.5 x 1.0 (mm)
• Seam sealing
• Ceramic package
• Emboss taping
• Reflow soldering
• Compliant to RoHS directive 2002/95/EC
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN.
TYP.
MAX.
Frequency range
FO
MHz
10.000
-
30.000
Frequency tolerance
ΔF/FO
at 25 °C
ppm
-
± 30
-
Temperature stability
TC
ref. to 25 °C
ppm
-
± 30
-
Operating temperature range
TOPR
°C
- 10
-
+ 60
Storage temperature range
TSTG
°C
- 40
-
+ 85
Shunt capacitance
C0
pF
-
-
7
Load capacitance
CL
customer specified
pF
10
-
series
Insulation resistance
IR
100 VDC
M
Ω
500
-
-
Drive level
DL
μW
-
10
100
Aging
Fa
at 25 °C, per year
ppm
- 5
-
+ 5
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX. ESR (Ω)
MODE
FREQUENCY RANGE (MHz)
MAX. ESR (Ω)MODE
10.000 to 11.999
60
fundamental
19.000 to 19.999
40
fundamental
12.000 to 12.099
50
fundamental
20.000 to 29.999
35
fundamental
13.000 to 18.999
45
fundamental
30.000
30
fundamental
DIMENSIONS in inches [millimeters]
0.236 ± 0.008
[6.0 ± 0.2]
0.138 ± 0.008
[3.5 ± 0.2]
MARKING
AREA
0.236 ± 0.008
[6.0 ± 0.2]
0.039 ± 0.4
[1.0 ± 0.1]
0.035 [0.9]
0.089 [1.5]
0.035 [0.9]
0.118 ± 0.004
[3.0 ± 0.10]
0.055
[1.4]
0.055
[1.4]
0.077
[1.95]
0.094
[2.4]
0.077
[1.95]
0.055 [1.4]
0.043 [1.1]
0.055 [1.4]
Recommended Solder Pattern
Note
Pin #2 and pin #4 are connected through cover, in case
connected to GND. Frequency might be drifted.


Similar Part No. - XT46C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT46C VISHAY-XT46C Datasheet
101Kb / 3P
Surface Mount Crystal
18-Oct-07
XT46C-2025ME4 VISHAY-XT46C-2025ME4 Datasheet
101Kb / 3P
Surface Mount Crystal
18-Oct-07
XT46C-2025ME4 VISHAY-XT46C-2025ME4 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C-3225ME4 VISHAY-XT46C-3225ME4 Datasheet
101Kb / 3P
Surface Mount Crystal
18-Oct-07
XT46C-3225ME4 VISHAY-XT46C-3225ME4 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
More results

Similar Description - XT46C

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
Surface Mount Crystal
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com