Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC150/100HT Datasheet(PDF) 3 Page - FIBOX Enclosing innovations

Part # PC150/100HT
Description  Enclosure. PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

PC150/100HT Datasheet(HTML) 3 Page - FIBOX Enclosing innovations

  PC150/100HT Datasheet HTML 1Page - FIBOX Enclosing innovations PC150/100HT Datasheet HTML 2Page - FIBOX Enclosing innovations PC150/100HT Datasheet HTML 3Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Halogen free (DIN/VDE 0472, Part 815):
1
UV resistance:
UL 508
Flammability Rating:
UL 746C 5"
Glow Wire Test (IEC 695-2-1) °C:
960 °C
NEMA Class
Certificates:
Certificate FI 40847
© Fibox Oy, Data subject to change without notice (printed: 05.08.2022)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com