Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC200/175XHT Datasheet(PDF) 2 Page - FIBOX Enclosing innovations

Part # PC200/175XHT
Description  Enclosure. PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

PC200/175XHT Datasheet(HTML) 2 Page - FIBOX Enclosing innovations

  PC200/175XHT Datasheet HTML 1Page - FIBOX Enclosing innovations PC200/175XHT Datasheet HTML 2Page - FIBOX Enclosing innovations PC200/175XHT Datasheet HTML 3Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions:
Height
Width
Depth
mm:
255
180
175
inch:
10.04
7.09
6.89
Materials:
Material:
Polycarbonate
Base colour:
RAL 7035 -light grey
Cover colour:
Clear transparent
Gasket material:
Polyurethane
Temperatures:
Temperature °C (short term)::
-40 … 120
Temperature °C (continuous):
-40 … 80
Temperature °F (short term):
-40 … 250
Temperature °F (continuous):
-40 … 175
Accessories:
MIN 20
DIN-15 Mounting rail. for enclosures:
(225 x 15 x 1)
HFP 180
Front panel hinge series
MIN 15
DIN-15 Mounting rail. for enclosures:
(150 x 15 x 1)
MIV 200
Back Panel (Galvanized steel). for enclosures:
(223 x 148 x 1)
FP A 200/180
Front panel (Aluminum). for enclosures:
(237 x 170 x 1)
MIV 15
DIN-35 Mounting rail. for enclosures:
(150 x 35 x 1)
FP 22046
Mounting foot kit (4 pcs)
MIV 20
DIN-35 Mounting rail. for enclosures:
(225 x 35 x 1)
Rating:
Ingress protection (EN 60529):
IP66; IP67;
Impact Resistance (EN 62262):
IK08;
Electrical insulation:
Totally insulated
Halogen free (DIN/VDE 0472, Part 815):
1
UV resistance:
UL 508



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com