Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4101 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HS4101
Description  High Performance Relative Humidity and Temperature Sensor with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4101 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HS4101 Datasheet HTML 7Page - Renesas Technology Corp HS4101 Datasheet HTML 8Page - Renesas Technology Corp HS4101 Datasheet HTML 9Page - Renesas Technology Corp HS4101 Datasheet HTML 10Page - Renesas Technology Corp HS4101 Datasheet HTML 11Page - Renesas Technology Corp HS4101 Datasheet HTML 12Page - Renesas Technology Corp HS4101 Datasheet HTML 13Page - Renesas Technology Corp HS4101 Datasheet HTML 14Page - Renesas Technology Corp HS4101 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HS410x Datasheet
R36DS0024EU0102 Rev.1.02
Apr 28, 2022
Page 11
7.
Soldering Information
This section discusses soldering considerations for the HS410x.
Standard reflow ovens can be used to solder the HS410x series sensor to the PCB. The peak temperature (Tp)
for use with the JEDEC J-STD-020D standard soldering profile is 260°C. For manual soldering, the contact time
must be limited to 5 seconds at up to 350°C. In either case, if solder paste is used, it is recommended to use ‘no-
clean’ solder paste to avoid the need to wash the PCB.
When a relative humidity sensor is exposed to the high heat associated with the soldering process, the sensor
element tends to dry out. To avoid an offset in the relative humidity readings, the sensor element must be
rehydrated after the soldering process. Care must also be taken when selecting the temperatures and durations
involved in the soldering process to avoid irreversibly damaging the sensor element.
The recommended soldering profile for a lead-free (RoHS-compliant) process is shown below.
Figure 15. Recommended Soldering Profile
It is important to ensure this temperature profile is measured at the sensor itself. Measuring the profile at a larger
component with a higher thermal mass means the temperature at the small sensor will be higher than expected.
For manual soldering, the contact time must be limited to 5 seconds with a maximum iron temperature of 350°C.
In either case, a board wash after soldering is not recommended. Therefore, if a solder paste is used, it is
strongly recommended that a “no-clean” solder paste is used to avoid the need to wash the PCB.
After soldering, the recommended rehydration process should be done. Otherwise, there may be an initial offset
in the relative humidity readings, which will slowly disappear as the sensor get exposed to ambient conditions.
Recommended rehydration process:
■
A relative humidity of 75% RH at room temperature for at least 12 hours.
or
■
A relative humidity of 40% to 50% RH at room temperature for 3 to 5 days.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com