Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4113 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HS4113
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4113 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HS4113 Datasheet HTML 1Page - Renesas Technology Corp HS4113 Datasheet HTML 2Page - Renesas Technology Corp HS4113 Datasheet HTML 3Page - Renesas Technology Corp HS4113 Datasheet HTML 4Page - Renesas Technology Corp HS4113 Datasheet HTML 5Page - Renesas Technology Corp HS4113 Datasheet HTML 6Page - Renesas Technology Corp HS4113 Datasheet HTML 7Page - Renesas Technology Corp HS4113 Datasheet HTML 8Page - Renesas Technology Corp HS4113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HS411x Datasheet
R36DS0025EU0102 Rev.1.02
Apr 28, 2022
Page 5
2.
Specifications
2.1
Absolute Maximum Ratings
CAUTION: The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can
cause permanent damage to the device. Functional operation of the HS411x at absolute maximum ratings is not
implied. Exposure to absolute maximum rating conditions might affect device reliability.
Parameter
Conditions
Minimum
Maximum
Unit
Storage Temperature Range
Recommended 0 to 60°C
-40
125
°C
2.2
Recommended Operating Conditions
Important note: The HS411x series sensors are optimized to perform best in the more common temperature and
humidity ranges of 10°C to 50°C and 20% RH to 80% RH, respectively. If operated outside of these conditions
for extended periods, especially at high humidity levels, the sensors may exhibit an offset. In most cases, this
offset is temporary and will gradually disappear once the sensor is returned to normal temperature and humidity
conditions. The amount of the shift and the duration of the offset vary depending on the duration of exposure and
the severity of the relative humidity and temperature conditions.[1] The time needed for the offset to disappear
can also be decreased by using the procedures described in sections 9 and 10.
Parameter
Condition
Minimum
Typical
Maximum
Unit
Operating Supply Voltage
-
1.71
3.3
3.6
V
Average Current
VDD = 1.8V
-
82
95
µA
VDD = 3.3V
-
92
110
Measurement Time
Humidity and temperature measurement
-
1.7
2.3
ms
Operating Temperature Range
-
-40
-
105
°C
1.
At TA = +25°C, VDD = +1.71V to +3.6V unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com