Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3242BRJ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3242BRJ-R2
Description  2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3242BRJ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG3242BRJ-R2 Datasheet HTML 1Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 2Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 3Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3242BRJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.5 V/3.3 V, 2-Bit Common Control
Level Translator Bus Switch
ADG3242
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
225 ps propagation delay through the switch
4.5 Ω switch connection between ports
Data rate 1.5 Gbps
2.5 V/3.3 V supply operation
Selectable level shifting/translation
Level translation
3.3 V to 2.5 V
3.3 V to 1.8 V
2.5 V to 1.8 V
Small signal bandwidth 710 MHz
8-lead SOT-23 package
APPLICATIONS
3.3 V to 2.5 V voltage translation
3.3 V to 1.8 V voltage translation
2.5 V to 1.8 V voltage translation
Bus switching
Bus isolation
Hot swap
Hot plug
Analog switch applications
FUNCTIONAL BLOCK DIAGRAM
A1
B1
BE
A0
B0
Figure 1.
GENERAL DESCRIPTION
The ADG3242 is a 2.5 V or 3.3 V, 2-bit, 2-port, common control
digital switch. It is designed on a low voltage CMOS process, and
provides low power dissipation, yet gives high switching speed
and very low on resistance. This allows the inputs to be connected
to the outputs without additional propagation delay or generating
additional ground bounce noise.
These switches are enabled by means of a common bus enable
(BE) input signal. This digital switch allows a bidirectional signal
to be switched when on. In the off condition, signal levels up
to the supplies are blocked.
This device is ideal for applications requiring level translation.
When operated from a 3.3 V supply, level translation from 3.3 V
inputs to 2.5 V outputs is allowed. Similarly, if the device is oper-
ated from a 2.5 V supply and 2.5 V inputs are applied, the device
translates the outputs to 1.8 V. In addition, a level translating
select pin (SEL) is included. When SEL is low, VCC is reduced
internally, allowing for level translation between 3.3 V inputs
and 1.8 V outputs. This makes the device suitable for applications
requiring level translation between different supplies, such as
converter to DSP/microcontroller interfacing.
PRODUCT HIGHLIGHTS
1.
3.3 V or 2.5 V supply operation.
2.
Extremely low propagation delay through switch.
3.
4.5 Ω switches connect inputs to outputs.
4.
Level/voltage translation.
5.
Tiny SOT-23 package.


Similar Part No. - ADG3242BRJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3242BRJ-R2 AD-ADG3242BRJ-R2 Datasheet
247Kb / 12P
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV.0
ADG3242BRJ-R2 AD-ADG3242BRJ-R2 Datasheet
399Kb / 16P
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
More results

Similar Description - ADG3242BRJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3241 AD-ADG3241 Datasheet
213Kb / 12P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV.0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV.0
ADG3242 AD-ADG3242_06 Datasheet
399Kb / 16P
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3241 AD-ADG3241_15 Datasheet
313Kb / 16P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
REV. B
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3243 AD-ADG3243_15 Datasheet
216Kb / 12P
2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3241 AD-ADG3241_V01 Datasheet
313Kb / 16P
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com