Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 21Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADP5585
Rev. C | Page 25 of 40
RPULL_CONFIG_C Register 0x19
Table 33. RPULL_CONFIG_C Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
C3_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
5 to 4
C2_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
3 to 2
C1_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
1 to 0
C0_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
ADP5585AC_Z-00-R7, ADP5585AC_Z-01-R7, ADP5585ACBZ-02-R7 , ADP5585ACPZ-03-R7 Default = 0000 0000
ADP5585ACBZ-04-R7 Default = 0101 0101
RPULL_CONFIG_D Register 0x1A
Table 34. RPULL_CONFIG_D Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 2
N/A
Reserved.
1 to 0
C4_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
ADP5585AC_Z-00-R7, ADP5585AC_Z-01-R7, ADP5585ACPZ-03-R7 Default = 0000 0000
ADP5585ACBZ-02-R7 Default = 0000 0011
ADP5585ACBZ-04-R7 Default = 0000 0001
GPI_INT_LEVEL_A Register 0x1B
Table 35. GPI_INT_LEVEL_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
GPI_6_INT_LEVEL
Read/write
(Reserved except for ADP5585AC_Z-01-R7 options)
0 = GPI_6 interrupt is active low (GPI_6_INT sets whenever R5 is low).
1 = GPI_6 interrupt is active high (GPI_6_INT sets whenever R5 is high).
4
GPI_5_INT_LEVEL
Read/write
0 = GPI_5 interrupt is active low (GPI_5_INT sets whenever R4 is low).
1 = GPI_5 interrupt is active high (GPI_5_INT sets whenever R4 is high).
3
GPI_4_INT_LEVEL
Read/write
0 = GPI_4 interrupt is active low (GPI_4_INT sets whenever R3 is low).
1 = GPI_4 interrupt is active high (GPI_4_INT sets whenever R3 is high).
2
GPI_3_INT_LEVEL
Read/write
0 = GPI_3 interrupt is active low (GPI_3_INT sets whenever R2 is low).
1 = GPI_3 interrupt is active high (GPI_3_INT sets whenever R2 is high).
1
GPI_2_INT_LEVEL
Read/write
0 = GPI_2 interrupt is active low (GPI_2_INT sets whenever R1 is low).
1 = GPI_2 interrupt is active high (GPI_2_INT sets whenever R1 is high).
0
GPI_1_INT_LEVEL
Read/write
0 = GPI_1 interrupt is active low (GPI_1_INT sets whenever R0 is low).
1 = GPI_1 interrupt is active high (GPI_1_INT sets whenever R0 is high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com