Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5587
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5587 Datasheet HTML 9Page - Analog Devices ADP5587 Datasheet HTML 10Page - Analog Devices ADP5587 Datasheet HTML 11Page - Analog Devices ADP5587 Datasheet HTML 12Page - Analog Devices ADP5587 Datasheet HTML 13Page - Analog Devices ADP5587 Datasheet HTML 14Page - Analog Devices ADP5587 Datasheet HTML 15Page - Analog Devices ADP5587 Datasheet HTML 16Page - Analog Devices ADP5587 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP5587
Rev. E | Page 13 of 24
275 Microsecond Interrupt Configuration
The ADP5587 gives the user the flexibility of deasserting the
interrupt for 275 μs while there is a pending event. When the
INT_CFG bit in Register 0x01 is set, any attempt to clear the
interrupt bit while the interrupt pin is already asserted results
in a 275 μs deassertion. When the INT_CFG bit is cleared, the
processor interrupt remains asserted if the host tries to clear
the interrupt. This feature is particularly useful for software
development and edge triggering applications.
Debouncing
The ADP5587 has a 275 μs debounce time for GPIOs configured
as GPIs and rows in keypad scanning mode. The reset line
always has a 275 μs debounce time.
General-Purpose Outputs (GPOs)
The ADP5587 allows the user to configure all or some of its
GPIOs as GPOs. These GPOs can be used as extra enables for
the host processor or simply as trigger outputs. When configured
as an output (GPO), a digital buffer drives the pin to 0 V for a 0
and to VCC for a 1. To set any GPIO as a GPO, make sure that
the corresponding bits in Register 0x1D through Register 0x1F are
set for GPIO mode; then use Register 0x23 through Register 0x25
to set the corresponding bits for GPO mode.
Power-On Reset
For built-in power-up initialization for applications lacking a
power-on reset signal, a reset pin, RST, allows the user to reset
the registers to default values in the event of a brownout or
other reset condition.
Table 14. Device Configuration
Keypad
GPIO
Matrix
Active Pins
Number of Keys
Available GPIO
Number of GPIOs
10 × 8
C0 to C9, R0 to R7
80
0
0
8 × 8
C0 to C7, R0 to R7
64
C8, C9
2
8 × 7
C0 to C7, R0 to R6
56
R7, C8, C9
3
8 × 6
C0 to C7, R0 to R5
48
R6, R7, C8, C9
4
8 × 5
C0 to C7, R0 to R4
40
R5 to R7, C8, C9
5
7 × 7
C0 to C6, R0 to R6
49
R7, C7 to C9
4
7 × 6
C0 to C6, R0 to R5
42
R6, R7, C7 to C9
5
7 × 5
C0 to C6, R0 to R4
35
R5 to R7, C7 to C9
6
6 × 6
C0 to C5, R0 to R5
36
R6, R7, C6 to C9
6
6 × 5
C0 to C5, R0 to R4
30
R5 to R7, C6 to C9
7
6 × 4
C0 to C5, R0 to R3
24
R4 to R7, C6 to C9
8
…
…
…
…
…
0 × 0
None
0
R0 to R7, C0 to C9
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com