Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5587ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5587ACPZ-R7
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5587ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5587ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP5587
Data Sheet
Rev. E | Page 14 of 24
I2C PROGRAMMING AND DIGITAL CONTROL
The ADP5587 provides full I2C software programmability to
facilitate its adoption in various product architectures. All
register programming is done via the I2C bus. The LFCSP
package has two options for I2C addressing.
The default part option I2C write address is located at 0x68
(0b01101000), and the read address is at 0x69 (0b 01101001).
The ADP5587ACPZ-1-R7 has the I2C write address at 0x60 (0b
01100000) and the read address at 0x61 (0b 01100001).
All communication to the ADP5587 is performed via its I2C-
compatible serial interface. Figure 16 shows a typical write
sequence for programming an internal register. The cycle
begins with a start condition followed by the chip write address.
The ADP5587 acknowledges the chip write address byte by
pulling the data line low. The address of the register to which
data is to be written is sent next. The ADP5587 acknowledges
the register address byte by pulling the data line low. The data
byte to be written is sent next. The ADP5587 acknowledges the
data byte by pulling the data line low, and a stop condition
completes the sequence.
Figure 17 shows a typical read sequence for reading back an
internal register. The cycle begins with a start condition
followed by the chip write address. The ADP5587 acknowledges
the chip write address byte by pulling the data line low. The
address of the register from which data is to be read is sent next.
The ADP5587 acknowledges the register address byte by pulling
the data line low. The cycle continues with a repeat start
followed by the chip read address. The ADP5587 acknowledges
the chip read address byte by pulling the data line low. The
ADP5587 places the contents of the previously addressed
register on the bus for readback. There is no acknowledge
following the readback data byte, and a stop condition
completes the cycle.
SUBADDRESS
CHIP ADDRESS 1
ST 0 1 1 0 1 0 0
0
0
0 SP
0 = WRITE
ADP5587 RECEIVES D ATA
0
1DEFAULT WRITE ADDRESS IS 0x68. OPTION 1 WRITE ADDRESS IS 0x60.
Figure 16. I2C Write Sequence
SUBADDRESS
CHIP ADDRESS1
CHIP ADDRESS2
ST 0 1 1 0 1 0 0
0 0 0 0 0 0 0 1 1 0 ST 0 1 1 0 1 0 0
0
1 SP
1 = READ
ADP5587 SENDS DATA
0 = WRITE
0
1
1DEFAULT WRITE ADDRESS IS 0x68. OPTION 1 WRITE ADDRESS IS 0x60.
2DEFAULT READ ADDRESS IS 0x69. OPTION 1 READ ADDRESS IS 0x61.
Figure 17. I2C Read and Write Sequences
READ START ADDR
CHIP ADDRESS
CHIP ADDRESS1
ST 0 1 1 0 1 0 0
0 0 0 0 0 0 0 1 1 0 ST 0 1 1 0 1 0 0
0
0
1 = READ
ADP5587 SENDS DATA 1
0 = WRITE
0
1
1
ADP5587 SENDS DATA N
...
ST
1DEFAULT READ ADDRESS IS 0x69. OPTION 1 READ ADDRESS IS 0x61.
Figure 18. I2C Read Auto-Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com