Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5589
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5589 Datasheet HTML 20Page - Analog Devices ADP5589 Datasheet HTML 21Page - Analog Devices ADP5589 Datasheet HTML 22Page - Analog Devices ADP5589 Datasheet HTML 23Page - Analog Devices ADP5589 Datasheet HTML 24Page - Analog Devices ADP5589 Datasheet HTML 25Page - Analog Devices ADP5589 Datasheet HTML 26Page - Analog Devices ADP5589 Datasheet HTML 27Page - Analog Devices ADP5589 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 24 of 52
FIFO_1 Register 0x03
Table 10. FIFO_1 Bit Descriptions
Bits
Name
R/W
Description
7
Event1_State
R
The seven lower bits of each FIFO location contain the event identifier, which can be
decoded to reveal the event recorded.
Table 11 outlines each event number, what it represents, and the I/O pins associated with it.
Bit 7 is the Event 1 state.
[6:0]
EVENT1_IDENTIFIER[6:0]
This bit represents the state of the event that is recorded in EVENT1_IDENTIFIER[6:0].
For key events (Event 1 to Event 96).
1 = key is pressed.
0 = key is released.
For GPI and logic events (Event 97 to Event 117).
1 = GPI/logic is active.
0 = GPI/logic is inactive.
Active and inactive states are programmable.
Table 11. Event Decoding
Event No.
Meaning
Event No.
Meaning
Event No.
Meaning
Event No.
Meaning
0
No event
32
Key 32 (R2, C9)
64
Key 64 (R5, C8)
96
Key 96 (R7, GND)
1
Key 1 (R0, C0)
33
Key 33 (R2, C10)
65
Key 65 (R5, C9)
97
GPI 1 (R0)
2
Key 2 (R0, C1)
34
Key 34 (R3, C0)
66
Key 66 (R5, C10)
98
GPI 2 (R1)
3
Key 3 (R0, C2)
35
Key 35 (R3, C1)
67
Key 67 (R6, C0)
99
GPI 3 (R2)
4
Key 4 (R0, C3)
36
Key 36 (R3, C2)
68
Key 68 (R6, C1)
100
GPI 4 (R3)
5
Key 5 (R0, C4)
37
Key 37 (R3, C3)
69
Key 69 (R6, C2)
101
GPI 5 (R4)
6
Key 6 (R0, C5)
38
Key 38 (R3, C4)
70
Key 70 (R6, C3)
102
GPI 6 (R5)
7
Key 7 (R0, C6)
39
Key 39 (R3, C5)
71
Key 71 (R6, C4)
103
GPI 7 (R6)
8
Key 8 (R0, C7)
40
Key 40 (R3, C6)
72
Key 72 (R6, C5)
104
GPI 8 (R7)
9
Key 9 (R0, C8)
41
Key 41 (R3, C7)
73
Key 73 (R6, C6)
105
GPI 9 (C0)
10
Key 10 (R0, C9)
42
Key 42 (R3, C8)
74
Key 74 (R6, C7)
106
GPI 10 (C1)
11
Key 11 (R0, C10)
43
Key 43 (R3, C9)
75
Key 75 (R6, C8)
107
GPI 11 (C2)
12
Key 12 (R1, C0)
44
Key 44 (R3, C10)
76
Key 76 (R6, C9)
108
GPI 12 (C3)
13
Key 13 (R1, C1)
45
Key 45 (R4, C0)
77
Key 77 (R6, C10)
109
GPI 13 (C4)
14
Key 14 (R1, C2)
46
Key 46 (R4, C1)
78
Key 78 (R7, C0)
110
GPI 14 (C5)
15
Key 15 (R1, C3)
47
Key 47 (R4, C2)
79
Key 79 (R7, C1)
111
GPI 15 (C6)
16
Key 16 (R1, C4)
48
Key 48 (R4, C3)
80
Key 80 (R7, C2)
112
GPI 16 (C7)
17
Key 17 (R1, C5)
49
Key 49 (R4, C4)
81
Key 81 (R7, C3)
113
GPI 17 (C8)
18
Key 18 (R1, C6)
50
Key 50 (R4, C5)
82
Key 82 (R7, C4)
114
GPI 18 (C9)
19
Key 19 (R1, C7)
51
Key 51 (R4, C6)
83
Key 83 (R7, C5)
115
GPI 19 (C10)
20
Key 20 (R1, C8)
52
Key 52 (R4, C7)
84
Key 84 (R7, C6)
116
Logic 1
21
Key 21 (R1, C9)
53
Key 53 (R4, C8)
85
Key 85 (R7, C7)
117
Logic 2
22
Key 22 (R1, C10)
54
Key 54 (R4, C9)
86
Key 86 (R7, C8)
118
Unused
23
Key 23 (R2, C0)
55
Key 55 (R4, C10)
87
Key 87 (R7, C9)
119
Unused
24
Key 24 (R2, C1)
56
Key 56 (R5, C0)
88
Key 88 (R7, C10)
120
Unused
25
Key 25 (R2, C2)
57
Key 57 (R5, C1)
89
Key 89 (R0, GND)
121
Unused
26
Key 26 (R2, C3)
58
Key 58 (R5, C2)
90
Key 90 (R1, GND)
122
Unused
27
Key 27 (R2, C4)
59
Key 59 (R5, C3)
91
Key 91 (R2, GND)
123
Unused
28
Key 28 (R2, C5)
60
Key 60 (R5, C4)
92
Key 92 (R3, GND)
124
Unused
29
Key 29 (R2, C6)
61
Key 61 (R5, C5)
93
Key 93 (R4, GND)
125
Unused
30
Key 30 (R2, C7)
62
Key 62 (R5, C6)
94
Key 94 (R5, GND)
126
Unused
31
Key 31 (R2, C8)
63
Key 63 (R5, C7)
95
Key 95 (R6, GND)
127
Wildcard for unlock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com