Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589ACPZ-00-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5589ACPZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-00-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5589ACPZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 31Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 32Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 33Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACPZ-00-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 31 of 52
RPULL_CONFIG_E Register 0x1D
Table 37. RPULL_CONFIG_E Bit Descriptions
Bits
Name
R/W
Description
[7: 6]
Reserved.
[5:4]
C10_PULL_CFG
R/W
00 = enable 300 kΩ pull-up.
01 = enable 300 kΩ pull-down.
10 = enable 100 kΩ pull-up.
11 = disable all pull-up/pull-down resistors.
[3: 2]
C9_PULL_CFG
R/W
00 = enable 300 kΩ pull-up.
01 = enable 300 kΩ pull-down.
10 = enable 100 kΩ pull-up.
11 = disable all pull-up/pull-down resistors.
[1: 0]
C8_PULL_CFG
R/W
00 = enable 300 kΩ pull-up.
01 = enable 300 kΩ pull-down.
10 = enable 100 kΩ pull-up.
11 = disable all pull-up/pull-down resistors.
ADP5589AC_Z-00-R7, ADP5589AC_Z-01-R7 Default = 0000 0000
ADP5589AC_Z-02-R7 Default = 0000 0100
GPI_INT_LEVEL_A Register 0x1E
Table 38. GPI_INT_LEVEL_A Bit Descriptions
Bits
Name
R/W
Description
7
GPI_8_INT_LEVEL
R/W
0 = GPI_8 interrupt is active low.
1 = GPI_8 interrupt is active high.
6
GPI_7_INT_LEVEL
R/W
0 = GPI_7 interrupt is active low.
1 = GPI_7 interrupt is active high.
5
GPI_6_INT_LEVEL
R/W
0 = GPI_6 interrupt is active low.
1 = GPI_6 interrupt is active high.
4
GPI_5_INT_LEVEL
R/W
0 = GPI_5 interrupt is active low.
1 = GPI_5 interrupt is active high.
3
GPI_4_INT_LEVEL
R/W
0 = GPI_4 interrupt is active low.
1 = GPI_4 interrupt is active high.
2
GPI_3_INT_LEVEL
R/W
0 = GPI_3 interrupt is active low.
1 = GPI_3 interrupt is active high.
1
GPI_2_INT_LEVEL
R/W
0 = GPI_2 interrupt is active low.
1 = GPI_2 interrupt is active high.
0
GPI_1_INT_LEVEL
R/W
0 = GPI_1 interrupt is active low (GPI_1_INT is set whenever R0 is low).
1 = GPI_1 interrupt is active high (GPI_1_INT is set whenever R0 is high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com