Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589ACPZ-01-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5589ACPZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-01-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5589ACPZ-01-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACPZ-01-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 40 of 52
UNLOCK_TIMERS Register 0x36
Table 62. UNLOCK_TIMERS Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
INT_MASK_TIMER[4:0]
R/W
If the keypad is locked and this timer is set, any key event (or GPI/logic event
programmed to FIFO update) is allowed to generate an EVENT_INT interrupt. This timer
then begins counting, and no further events generate an interrupt until this timer has
expired (or both unlock events have occurred).
00000 = disabled.
00001 = 1 sec.
00010 = 2 sec.
11110 = 30 sec.
11111 = 31 sec.
[2: 0]
UNLOCK_TIMER[2:0]
R/W
Defines the time in which the second unlock event must occur after the first unlock
event has occurred. If the second unlock event does not occur within this time (or any
other event occurs), the keypad goes back to full lock mode.
000 = disabled.
001 = 1 sec.
010 = 2 sec.
011 = 3 sec.
100 = 4 sec.
101 = 5 sec.
110 = 6 sec.
111 = 7 sec.
LOCK_CFG Register 0x37
Table 63. LOCK_CFG Bit Descriptions
Bits
Name
R/W
Description
[7:1]
Reserved.
0
LOCK_EN
R/W
Enable the lock function.
RESET1_EVENT_A Register 0x38
Table 64. RESET1_EVENT_A Bit Descriptions
Bits
Name
R/W
Description
7
RESET1_EVENT_A Level
R/W
Defines which level the first reset event should be.
For key events:
0 = not applicable; releases not used for reset generation.
1 = press is used as reset event.
For GPIs and logic outputs configured for FIFO updates:
0 = inactive event used as reset condition.
1 = active event used as reset condition.
[6:0]
RESET1_EVENT_A[6:0]
R/W
Defines an event that can be used to generate the RESET1 signal.
Up to three events can be defined for generating the RESET1 signal, using
RESET1_EVENT_A[6:0], RESET1_EVENT_B[6:0], and RESET1_EVENT_C[6:0].
If one of the registers is 0, that register is not used for reset generation.
All reset events must be detected at the same time to trigger the reset.
RESET1_EVENT_B Register 0x39
Table 65. RESET1_EVENT_B Bit Descriptions
Bits
Name
R/W
Description
7
RESET1_EVENT_B Level
R/W
Defines which level the second reset event should be.
[6: 0]
RESET1_EVENT_B[6:0]
R/W
Defines an event that can be used to generate the RESET1 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com