Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589ACPZ-02-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP5589ACPZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACPZ-02-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP5589ACPZ-02-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 45Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 46Page - Analog Devices ADP5589ACPZ-02-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 43 of 52
CLOCK_DIV_CFG Register 0x43
Table 75. CLOCK_DIV_CFG Bit Descriptions
Bits
Name
R/W
Description
7
Reserved.
6
CLK_INV
R/W
Inverts the divided down clock signal.
[5: 1]
CLK_DIV[4:0]
R/W
Defines the divide down scale of the externally supplied clock.
00000 = divide by 1 (pass-through).
00001 = divide by 2.
00010 = divide by 3.
00011 = divide by 4.
11111 = divide by 32.
0
CLK_DIV_EN
R/W
Enables the clock divider circuit to divide down the externally supplied clock signal.
LOGIC_1_CFG Register 0x44
Table 76. LOGIC_1_CFG Bit Descriptions
Bits
Name
R/W
Description
7
Reserved.
6
LY1_INV
R/W
0 = LY1 output not inverted before passing into Logic Block 1.
1 = inverts output LY1 from Logic Block 1.
5
LC1_INV
R/W
0 = LC1 input not inverted before passing into Logic Block 1.
1 = inverts input LC1 before passing it into Logic Block 1.
4
LB1_INV
R/W
0 = LB1 input not inverted before passing into Logic Block 1.
1 = inverts input LB1 before passing it into Logic Block 1.
3
LA1_INV
R/W
0 = LA1 input not inverted before passing into Logic Block 1.
1 = inverts input LA1 before passing it into Logic Block 1.
[2: 0]
LOGIC1_SEL[2:0]
R/W
Configures the digital mux for Logic Block 1.
000 = off/disable.
001 = AND1.
010 = OR1.
011 = XOR1.
100 = FF1.
101 = IN_LA1.
110 = IN_LB1.
111 = IN_LC1.
LOGIC_2_CFG Register 0x45
Table 77. LOGIC_2_CFG Bit Descriptions
Bits
Name
R/W
Description
7
LY1_CASCADE
R/W
0 = use Input LA2 for Logic Block 2.
1 = use Output LY1 from Logic Block 1 instead of LA2 as the input for Logic Block 2.
The R0 pin can be used as GPIO or key when cascade is in use.
6
LY2_INV
R/W
0 = LY2 input not inverted before passing into Logic Block 2.
1 = inverts Output LY2 from Logic Block 2.
5
LC2_INV
R/W
0 = LC2 input not inverted before passing into Logic Block 2.
1 = inverts Input LC2 before passing it into Logic Block 2.
4
LB2_INV
R/W
0 = LB2 input not inverted before passing into Logic Block 2.
1 = inverts Input LB2 before passing it into Logic Block 2.
3
LA2_INV
R/W
0 = LA2 input not inverted before passing into Logic Block 2.
1 = inverts Input LA2 before passing it into Logic Block 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com