Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACPZ-01-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5585ACPZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-01-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5585ACPZ-01-R7 Datasheet HTML 12Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 13Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 14Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 15Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 16Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 17Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 18Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 19Page - Analog Devices ADP5585ACPZ-01-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 16 of 40
Figure 26 shows a typical multibyte read sequence for reading
internal registers. The cycle begins with a start condition, followed
by the 7-bit device address (0x34 for all models except the
ADP5585ACPZ-03-R7, 0x30 for the ADP5585ACPZ-03-R7
only), followed by the R/W bit set to 0 for a write cycle. The
ADP5585 acknowledges the address byte by pulling the data
line low. The address of the register from which data is to be read
is sent next. The ADP5585 acknowledges the register pointer byte
by pulling the data line low. A start condition is repeated, followed
by the 7-bit device address (0x34 for all models except the
ADP5585ACPZ-03-R7, 0x30 for the ADP5585ACPZ-03-R7
only), followed by the R/W bit set to 1 for a read cycle. The
ADP5585 acknowledges the address byte by pulling the data
line low. The 8-bit data is then read. The address pointer is then
incremented to read the next data byte, and the host continues to
pull the data line low for each byte (master acknowledge) until
the n data byte is read. The host pulls the data line high (no
acknowledge) after the last byte is read, and a stop condition
completes the sequence.
START
0 = WRITE
7-BIT DEVICE ADDRESS
7-BIT DEVICE ADDRESS
ADP5585 ACK
8-BIT REGISTER POINTER
READ BYTE 1
READ BYTE 2
READ BYTE n
00
0
1
0
0
0
0
1
REPEAT START
1 = READ
ADP5585 ACK
ADP5585 ACK
MASTER ACK
MASTER ACK
MASTER ACK
NO ACK
STOP
Figure 26. I2C Multibyte Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com