Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585ACPZ-03-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5585ACPZ-03-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACPZ-03-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5585ACPZ-03-R7 Datasheet HTML 14Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 15Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 19Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 20Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP5585ACPZ-03-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 18 of 40
Reg
Add
Reg
Name
R/W1 Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x26
GPO_OUT_
MODE_B
R/W
Reserved
GPO_11_
OUT_MODE
GPO_10_
OUT_MODE
GPO_9_
OUT_MODE
GPO_8_
OUT_MODE
GPO_7_
OUT_MODE
0x27
GPIO_
DIRECTION_A
R/W
Reserved
GPO_6_
DIR
GPO_5_
DIR
GPO_4_
DIR
GPO_3_
DIR
GPO_2_
DIR
GPO_1_
DIR
0x28
GPIO_
DIRECTION_B
R/W
Reserved
GPO_11_
DIR
GPO_10_
DIR
GPO_9_
DIR
GPO_8_
DIR
GPO_7_
DIR
0x29
RESET1_EVENT_A
R/W
RESET1_
EVENT_
A_LEVEL
RESET1_EVENT_A [6:0]
0x2A RESET1_EVENT_B
R/W
RESET1_
EVENT_
B_LEVEL
RESET1_EVENT_B [6:0]
0x2B
RESET1_EVENT_C
R/W
RESET1_
EVENT_
C_LEVEL
RESET1_EVENT_C [6:0]
0x2C
RESET2_EVENT_A
R/W
RESET2_
EVENT_
A_LEVEL
RESET2_EVENT_A [6:0]
0x2D RESET2_EVENT_B
R/W
RESET2_
EVENT_
B_LEVEL
RESET2_EVENT_B [6:0]
0x2E
RESET2_CFG
R/W
RESET2_POL
RESET1_POL
RST_PASS
THRU_EN
RESET_TRIG_TIME[2:0]
RESET_PULSE_WIDTH[1:0]
0x2F
PWM_OFFT_LOW
R/W
PWM_OFFT_LOW_BYTE[7:0]
0x30
PWM_OFFT_HIGH R/W
PWM_OFFT_HIGH_BYTE[7:0]
0x31
PWM_ONT_LOW
R/W
PWM_ONT_LOW_BYTE[7:0]
0x32
PWM_ONT_HIGH
R/W
PWM_ONT_HIGH_BYTE[7:0]
0x33
PWM_CFG
R/W
Reserved
PWM_IN_
AND
PWM_MODE PWM_EN
0x34
LOGIC_CFG
R/W
Reserved
LY_INV
LC_INV
LB_INV
LA_INV
LOGIC_SEL[2:0]
0x35
LOGIC_FF_CFG
R/W
Reserved
FF_SET
FF_CLR
0x36
LOGIC_INT_
EVENT_EN
R/W
Reserved
LY_DBNC_
DIS
LOGIC_
EVENT_EN
LOGIC_INT_
LEVEL
0x37
POLL_TIME_CFG
R/W
Reserved
KEY_POLL_TIME[1:0]
0x38
PIN_CONFIG_A
R/W
Reserved
R5_CONFIG
R4_CONFIG
R3_CONFIG
R2_CONFIG
R1_CONFIG
R0_CONFIG
0x39
PIN_CONFIG_B
R/W
Reserved
C4_CONFIG
C3_CONFIG
C2_CONFIG
C1_CONFIG
C0_CONFIG
0x3A PIN_CONFIG_C
R/W
PULL_SELECT
C4_EXTEND_CFG R4_EXTEND
_CFG
Reserved
R3_EXTEND_CFG[1:0]
Reserved
R0_EXTEND
_CFG
0x3B
GENERAL_CFG
R/W
OSC_EN
CORE_FREQ[1:0]
Reserved
INT_CFG
RST_CFG
0x3C
INT_EN
R/W
Reserved
LOGIC_IEN
Reserved
OVRFLOW_
IEN
GPI_IEN
EVENT_IEN
1
R means read, W means write, and R/W means read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com