Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589ACBZ-01-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP5589ACBZ-01-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-01-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP5589ACBZ-01-R7 Datasheet HTML 42Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 43Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 44Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 45Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 46Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 47Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 48Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 49Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 46 of 52
PIN_CONFIG_D Register 0x4C
Table 84. PIN_CONFIG_D Bit Descriptions
Bits
Name
R/W
Description
7
PULL_SELECT
R/W
0 = 300 kΩ used for row pull-up during key scanning.
1 = 100 kΩ used for row pull-up during key scanning.
6
C4_EXTEND_CFG
R/W
0 = C4 remains configured as GPIO 13.
1 = C4 reconfigured as RESET2 output.
5
R4_EXTEND_CFG
R/W
0 = R4 remains configured as GPIO 5.
1 = R4 reconfigured as RESET1 output.
4
C6_EXTEND_CFG
R/W
0 = C6 remains configured as GPIO 15.
1 = C6 reconfigured as LC2 input for Logic Block 2.
[3:2]
R3_EXTEND_CFG[1:0]
R/W
00 = R3 remains configured as GPIO 4.
01 = R3 reconfigured as LC1 input for Logic Block 1.
10 = R3 reconfigured as PWM_OUT/CLK_OUT outputs from PWM and clock divider blocks.
11 = unused.
1
C9_EXTEND_CFG
R/W
0 = C9 remains configured as GPIO 18.
1 = C9 reconfigured as LY2 output from Logic Block 2.
0
R0_EXTEND_CFG
R/W
0 = R0 remains configured as GPIO 1.
1 = R0 reconfigured as LY1 output from Logic Block 1.
ADP5589AC_Z-00-R7, ADP5589AC_Z-02-R7 Default = 0000 0000
ADP5589AC_Z-01-R7 Default = 0010 0000
GENERAL_CFG_B Register 0x4D
Table 85. GENERAL_CFG_B Bit Descriptions
Bits
Name
R/W
Description
7
OSC_EN
R/W
0 = disable internal 1 MHz oscillator.
1 = enable internal 1 MHz oscillator.
[6:5]
CORE_FREQ[1:0]
R/W
Sets the input clock frequency fed from the base 1 MHz oscillator to the digital core. Slower
frequencies result in less IDD. However, key and GPI scan times increase.
00 = 50 kHz.
01 = 100 kHz.
10 = 200 kHz.
11 = 500 kHz.
4
LCK_TRK_LOGIC
R/W
0 = allow logic outputs (programmed for FIFO updates) to be tracked on the FIFO if the keypad is
locked.
1 = do not track.
3
LCK_TRK_GPI
R/W
0 = allow GPIs (programmed for FIFO updates) to be tracked on the FIFO if the keypad is locked.
1 = do not track.
2
Unused
1
INT_CFG
R/W
Configure the behavior of the INT pin if the user tries to clear it while an interrupt is pending.
0 = INT pin remains asserted if an interrupt is pending.
1 = INT pin deasserts for 50 µs and reasserts if an interrupt is pending.
0
RST_CFG
R/W
Configure the response ADP5589 has to the RST pin.
0 = ADP5589 resets if RST is low.
1 = ADP5589 does not reset if RST is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com