Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5589ACBZ-02-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5589ACBZ-02-R7
Description  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-02-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5589ACBZ-02-R7 Datasheet HTML 29Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 30Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 31Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 32Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 33Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Data Sheet
ADP5589
Rev. B | Page 33 of 52
GPI_EVENT_EN_B Register 0x22
Table 42. GPI_EVENT_EN_B Bit Descriptions
Bits
Name
R/W
Description
7
GPI_16_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 16 activity to generate events on the FIFO.
6
GPI_15_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 15 activity to generate events on the FIFO.
5
GPI_14_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 14 activity to generate events on the FIFO.
4
GPI_13_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 13 activity to generate events on the FIFO.
3
GPI_12_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 12 activity to generate events on the FIFO.
2
GPI_11_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 11 activity to generate events on the FIFO.
1
GPI_10_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 10 activity to generate events on the FIFO.
0
GPI_9_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 9 activity to generate events on the FIFO.
GPI_EVENT_EN_C Register 0x23
Table 43. GPI_EVENT_EN_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPI_19_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 19 activity to generate events on the FIFO.
1
GPI_18_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 18 activity to generate events on the FIFO.
0
GPI_17_EVENT_EN
R/W
0 = disable GPI events.
1 = allow GPI 17 activity to generate events on the FIFO.
GPI_INTERRUPT_EN_A Register 0x24
Table 44. GPI_INTERRUPT_EN_A Bit Descriptions
Bits
Name
R/W
Description
7
GPI_8_INT_EN
R/W
0 = GPI_8_INT is disable.
1 = GPI_8_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_8_INT is set and the GPI
interrupt condition is met.
6
GPI_7_INT_EN
R/W
0 = GPI_7_INT is disable.
1 = GPI_7_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_7_INT is set and the GPI
interrupt condition is met.
5
GPI_6_INT_EN
R/W
0 = GPI_6_INT is disable.
1 = GPI_6_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_6_INT is set and the GPI
interrupt condition is met.
4
GPI_5_INT_EN
R/W
0 = GPI_5_INT is disable.
1 = GPI_5_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_5_INT is set and the GPI
interrupt condition is met.
3
GPI_4_INT_EN
R/W
0 = GPI_4_INT is disable.
1 = GPI_4_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_4_INT is set and the GPI
interrupt condition is met.
2
GPI_3_INT_EN
R/W
0 = GPI_3_INT is disable.
1 = GPI_3_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_3_INT is set and the GPI
interrupt condition is met.
1
GPI_2_INT_EN
R/W
0 = GPI_2_INT is disable.
1 = GPI_2_INT enable. Assert the GPI_INT bit (Register 0x01, Bit 1) if GPI_2_INT is set and the GPI
interrupt condition is met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com