Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # L13
Description  SCHOTTKY BARRIE R RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

L13 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  L13 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. L13 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2. Thermal resistance from junction to ambient.
SCHOTTKY BARRIER RECTIFIERS
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
L12 --- L1D
VOLTAGE RANGE: 20 --- 200 V
CURRENT: 1.0 A
1.
SAMYANG ELECTRONICS
SAM YANG
SOD-123FL
Dimensions in inches and (millimeters)
0.040(1.00 )
0.024(0.60)
0.077(1.95 )
0.061(1.55)
0.0114(2.90 )
0.0098(2.50)
0.154(3.90)
0.138(3.50)
0.008(0.20)
MAX
5
°
0.042(1.08)
0.039(1.0)
0.043(1.10)
0.020(0.50)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:250 C/10 seconds at terminals,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
Case
Lead Finish: 100% Matte Sn (Tin)
Polarity
Weight
: SOD-123FL molded plastic body
: color band denotes cathode end
Any
: 11.7 mg(approximately)
Mounting Position
:
Maximum repetitive peak reverse voltage
VRRM
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current (See Fig. 1)
Maximum instantaneous forward voltage
at 1.0 A(note1 )
T =25 C
T =100 C
A
A
Typical thermal resistance (Note 2)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
Volts
Volts
Volts
Volts
m
A
Amp
Amps
C/W
C
C
Volts
1.0
50.0
-65 to+150
-65 to+150
88.0
28.0
0.2
10.0
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
57
80
100
71
100
150
105
150
200
140
200
L12
L13
L14
L15
L16
L18
L1A
L1B
L1D
0.45
0.75
0.85
0.95
0.90
Symbols


Similar Part No. - L13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
L13 RENESAS-L13 Datasheet
1,014Kb / 42P
In-Circuit Emulator
logo
List of Unclassifed Man...
L13-PALLADIUM ETC-L13-PALLADIUM Datasheet
150Kb / 7P
Palladium, Zero Knowledge
logo
Lumileds Lighting Compa...
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
1Mb / 2P
Hot-color targeted industry standard package for uniform light
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
3Mb / 25P
Hot-color targeted industry standard package for uniform light
L130-1070001400001 LUMILEDS-L130-1070001400001 Datasheet
4Mb / 25P
Hot-color targeted industry standard package for uniform light
More results

Similar Description - L13

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
K12 SAMYANG-K12 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
K22 SAMYANG-K22 Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
LS22 SAMYANG-LS22 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS1002FL SAMYANG-SS1002FL Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
SS1020FL SAMYANG-SS1020FL Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
SL1020FL SAMYANG-SL1020FL Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
SS32AF SAMYANG-SS32AF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS32T SAMYANG-SS32T Datasheet
956Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54BF SAMYANG-SS54BF Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
SS54T SAMYANG-SS54T Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com