Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC22C11 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C11
Description  AMC22C11-Q1 Automotive, Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C11 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC22C11 Datasheet HTML 17Page - Texas Instruments AMC22C11 Datasheet HTML 18Page - Texas Instruments AMC22C11 Datasheet HTML 19Page - Texas Instruments AMC22C11 Datasheet HTML 20Page - Texas Instruments AMC22C11 Datasheet HTML 21Page - Texas Instruments AMC22C11 Datasheet HTML 22Page - Texas Instruments AMC22C11 Datasheet HTML 23Page - Texas Instruments AMC22C11 Datasheet HTML 24Page - Texas Instruments AMC22C11 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
7.3.4 Open-Drain Digital Output
The AMC22C11-Q1 provides an open-drain output with optional latching function. The output is actively pulled
low when VIN exceeds the threshold value defined by the voltage on the REF pin, see Figure 7-1.
The open-drain output is diode-connected to the VDD2 supply (see the Functional Block Diagram), meaning that
the output cannot be pulled more than 500 mV above the VDD2 supply before significant current begins to flow
into the OUT pin. In particular, the open-drain output is clamped to one diode voltage above ground if VDD2 is at
the GND2 level. This behavior is indicated by the gray shadings in Figure 7-5 through Figure 7-10.
On a system level, the CMTI performance of an open-drain signal line depends on the value of the pullup
resistor. During a common-mode transient event with a high slew rate (high dV/dt), the open-drain signal line
may be pulled low due to parasitic capacitive coupling between the high-side and the low-side of the printed
circuit board (PCB). The effect of the parasitic coupling on the signal level is a function of the pullup strength and
a lower value pullup resistor results in better CMTI performance. The AMC22C11-Q1 has been characterized
with a relatively weak pullup resistor value of 10 kΩ to ensure that the specified CMTI performance is met in a
typical application with a 4.7 kΩ or lower pullup resistor.
7.3.4.1 Transparent Output Mode
The device is set to transparent mode when the LATCH pin is pulled low, thus allowing the output state to
change and follow the input signal with respect to the programmed trip threshold. For example, when the
input signal rises above the trip threshold, the OUT pin is pulled low. When the input signal drops below the
trip threshold, the output returns to the default high output state. A common implementation using the device
in transparent mode is to connect the OUT pin to a hardware interrupt input on a controller. As soon as an
out-of-range condition is detected by the device and the OUT pin is pulled low, the controller interrupt terminal
detects the output state change and can begin making changes to the system operation needed to address the
out-of-range condition.
7.3.4.2 Latch Output Mode
Some applications do not have the functionality available to continuously monitor the state of the OUT pin to
detect an overcurrent condition. A typical example of this application is a system that is only able to poll the OUT
terminal state periodically to determine if the system is functioning correctly. If the device is set to transparent
mode in this type of application, a change in the state of the OUT pin can be missed if the out-of-range condition
does not appear during one of these periodic polling events.
Latch mode is specifically intended to accommodate these applications. The device is placed in latch mode
by setting the voltage on the LATCH terminal to a logic high level. The difference between latch mode and
transparent mode is how the output responds when an out-of-range event ends. In transparent mode, when the
input signal drops below the trip threshold, the output state returns to the default high setting to indicate that the
out-of-range event has ended.
In latch mode, when an out-of-range condition is detected and the OUT pin is pulled low, the OUT pin does not
return to the default high level when the input signal drops below the trip threshold level. To clear the event, the
LATCH terminal must be pulled low for at least 4 μs. Pulling the LATCH pin low allows the OUT pin to return to
the default high level, provided that the input signal has dropped below the trip threshold. If the input signal is still
above the threshold when the LATCH pin is pulled low, the OUT terminal remains low. When the out-of-range
event is detected by the system controller, the LATCH pin can be set back to high in order to place the device
back into latch mode.
www.ti.com
AMC23C11-Q1
SBASAJ7A – JUNE 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC23C11-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com