Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA656 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
9.1.2 Wideband, Transimpedance Design Using OPA817
The OPA817 design is optimized for wideband, low-noise transimpedance applications with high GBWP, low-
input voltage, current noise, and low input capacitance. The high voltage capability allows greater flexibility
of supply voltages along with wider output voltage swings. Figure 9-3 shows an example circuit of a typical
photodiode amplifier circuit. As Figure 9-3 shows, the photodiode is generally reverse biased in a TIA application
so that the photodiode current in the circuit of flows into the op amp feedback path. This results in an output
voltage that reduces from VREF with increasing photodiode current. In this type of configuration and depending
on the application needs, VREF can be biased closer to VS+ to achieve the desired output swing. Consider the
common-mode input range when VREF bias is used so that the common-mode input voltage stays within the
valid range of the OPA817.
The key design elements that determine the closed-loop bandwidth, f–3dB, of the circuit are as follows:
1. The op amp GBWP.
2. The transimpedance gain, RF.
3. The total input capacitance, CTOT, that includes photodiode capacitance, input capacitance of the amplifier
(common-mode and differential capacitance), and PCB parasitic capacitance.
V
O
+5 V
–5 V
+
–
R
F
C
F
V
BIAS
OPA817
V
REF
C
TOT
Figure 9-3. Wideband, Low-Noise, Transimpedance Amplifier
Equation 1 shows the relationship between the above mentioned three elements for a Butterworth response.
3dB
F
TOT
GBWP
f
2 R C
S
(1)
The feedback resistance (RF) and the total input capacitance (CTOT) form a zero in the noise gain and results
in instability if left uncompensated. To counteract the effect of the zero, a pole is inserted in the noise gain by
adding the feedback capacitor (CF). The Transimpedance Considerations for High-Speed Amplifiers application
report discusses theories and equations that show how to compensate a transimpedance amplifier for a
particular gain and input capacitance. The bandwidth and compensation equations from the application report
are available in a Microsoft Excel™ calculator. What You Need To Know About Transimpedance Amplifiers – Part
1 provides a link to the calculator. As shown in Figure 9-3, the details of maximizing the dynamic range of TIA
front-ends are provided in the Maximizing the Dynamic Range of Analog TIA Front-End application note.
www.ti.com
OPA817
SBOS847 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com