Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5000SA Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P5000SA
Description  Thyristors Surge ProtectionDevice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P5000SA Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P5000SA Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P5000SA Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P5000SA Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P0080SA THRU P5000SA SMB
2 / 3
www.yfwdiode.com
GuangDong YFW Electronics Co, Ltd.
ElectricalCharacteristics(TA=25
℃ )
Type
VDRM
IDRM
VS
IS
VT
IT
Co
IH
Min.
Max.
Max.
Max.
Max.
Typ.
Min.
V
uA
V
mA
V
A
pF
mA
P0080SA
6
5
25
800
4
2.2
50
20
P0220SA
15
5
32
800
4
2.2
50
50
P0300SA
25
5
40
800
4
2.2
70
50
P0640SA
58
5
77
800
4
2.2
50
100
P0720SA
65
5
88
800
4
2.2
50
100
P0900SA
75
5
98
800
4
2.2
45
100
P1100SA
90
5
130
800
4
2.2
45
100
P1300SA
120
5
160
800
4
2.2
45
100
P1500SA
140
5
180
800
4
2.2
40
100
P1800SA
170
5
220
800
4
2.2
40
100
P2000SA
180
5
220
800
4
2.2
40
100
P2300SA
190
5
260
800
4
2.2
35
100
P2600SA
220
5
300
800
4
2.2
35
100
P3100SA
275
5
350
800
4
2.2
30
100
P3500SA
320
5
400
800
4
2.2
30
100
P4000SA
360
5
460
800
4
2.2
30
100
P4500SA
420
5
540
800
4
2.2
30
100
P5000SA
500
5
600
800
4
2.2
30
100
Notes:
• All measurements are made at an ambient temperature of 25℃. IPPapplies to -40℃through +85℃temperature range.
• Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias and is typical value.
Ratings And V-I Characteristics Curves (TA=25ºC,unless otherwisenoted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com