Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG3A103C01R00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PVG3A103C01R00
Description  Sealed construction protects the interior from dust and liquid, which achieves stable performance.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PVG3A103C01R00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PVG3A103C01R00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PVG3A103C01R00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PVG3A103C01R00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
PVG3A103C01R00
Note: This datasheet may be out of date.
Please download the latest datasheet of PVG3A103C01R00 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PVG3A103C01R00
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated08/30/2022
Appearance & Shape
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
R00
180mm Embossed Tape
1000
Features
1. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
2. Driver plate with cross-slot is suitable for
automatic adjustment.
3. Rotor with large diameter and deep groove improves
driver insertion.
4. 3mm and 4mm land pattern can be used without change.
(Gull-wing is suitable for 4mm size land pattern.)
1 of 3


Similar Part No. - PVG3A103C01R00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVG3A103C01R00 MURATA-PVG3A103C01R00 Datasheet
196Kb / 3P
Inductance
logo
Bourns Electronic Solut...
PVG3A103C01R00 BOURNS-PVG3A103C01R00 Datasheet
259Kb / 3P
SMD Sealed Type Single-Turn PVG3 Series
More results

Similar Description - PVG3A103C01R00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVG3A100C01B00 MURATA1-PVG3A100C01B00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A102C01R00 MURATA1-PVG3A102C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A105C01R00 MURATA1-PVG3A105C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A200C01R00 MURATA1-PVG3A200C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A203C01B00 MURATA1-PVG3A203C01B00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A500C01B00 MURATA1-PVG3A500C01B00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3A503C01R00 MURATA1-PVG3A503C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
08/30/2022
PVG3G100C01B00 MURATA1-PVG3G100C01B00_V01 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVG3G104C01B00 MURATA1-PVG3G104C01B00_V01 Datasheet
250Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVG3G104C01R00 MURATA1-PVG3G104C01R00_V01 Datasheet
251Kb / 3P
Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com