Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSL Datasheet(PDF) 3 Page - C&K Components

Part # KSL
Description  Sealed Tact Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSL Datasheet(HTML) 3 Page - C&K Components

  KSL Datasheet HTML 1Page - C&K Components KSL Datasheet HTML 2Page - C&K Components KSL Datasheet HTML 3Page - C&K Components KSL Datasheet HTML 4Page - C&K Components KSL Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B–125
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
15 Oct 21
7,5+0,2
-0,4
(0,4)
(2,57)
6,12+0,2
-0,4
(7,78)
(0,53)
(8,77)
(0,8)
(5,08)
3,55 0,2
7,62
2 holes
1,2+0,1
0
2 holes
0,9+0,1
0
5,08
L
INSERTION
M MANUAL (BULK PACKAGING)
A AUTOMATIC (TUBE PACKAGING, 65 PIECES PER TUBE)
V VERTICAL
5,08
0,9+0,1
0
PCB LAYOUT
PCB LAYOUT
7,5+0,2
-0,4
(0,4)
(2,57)
6,12+0,2
-0,4
(7,78)
(0,53)
(8,77)
(0,8)
(5,08)
3,55 0,2
7,62
2 holes
1,2+0,1
0
2 holes
0,9+0,1
0
5,08
L
OPERATING FORCE
OPTION
CODE
OPERATING FORCE
2
1.3 N (130 grams)
100,000 operations
3
1.3 N (130 grams)
1,000,000 operations
4
3.0 N (300 grams)
100,000 operations
5
5.0 N (500 grams)
100,000 operations
9
3.0 N (300 grams)
500,000 operations
KSA & KSL Series
Sealed Tact Switch
Type
L mm
inch
KSA0V
5,8
.228
KSL0V
11,1
.437
DIMENSION L
PCB LAYOUT
( 5,08 )
( 0,53 )
(4,8)
(3)
(9)
(7,65)
(4,8)
(3)
(9,24)
( 5,08 )
( 0,53 )
5,08
0,9+0,1
0
(4,8)
(3)
(9,24)
( 5,08 )
( 0,53 )
5,08
0,9+0,1
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com