Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSUBTO-PL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LSUBTO-PL
Description  Ceramic Submount for High Power LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LSUBTO-PL Datasheet(HTML) 3 Page - Vishay Siliconix

  LSUBTO-PL Datasheet HTML 1Page - Vishay Siliconix LSUBTO-PL Datasheet HTML 2Page - Vishay Siliconix LSUBTO-PL Datasheet HTML 3Page - Vishay Siliconix LSUBTO-PL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: efi@vishay.com
Document Number: 61086
3
Revision: 19-Jan-10
LSUB
Vishay Electro-Films
Ceramic Submount for High Power LED
LAYOUT CONSIDERATIONS
The thermal performance of the LSUB package is strongly influenced by PCB layout. The package ensures that heat flows from
the die junction to the package termination (anode); however, the heat must be carried from the termination by the PCB layout.
Special consideration must be given to insure minimal thermal resistance between the package termination and the ambient. The
following guidelines should be considered.
• The filled vias in the standard configuration can be up to 0.5 mils lower than the surrounding surface, when mounting dies on
top of these vias care should be taken to use an attachment method capable of overcoming this surface profile.
• The traces that carry current to and from the component also carry the heat away from the component. These traces should
be made as wide and thick as possible to help spread the heat on the PCB.
• The LED die should be kept as far as possible from other hot components such as DC circuitry, FETs and inductors.
• Heat sink elements are to be positioned as closely as possible to the LED package.
GLOBAL PART NUMBER INFORMATION
Global Part Number: LSUBNSPL
Global Part Number Description: LSUB, AlN, standard, plate
MODEL
Substrate
Surface
PACKAGING
CODE
LSUB
N = AlN
A = Alumina 99.6 %
T = Alumina 96 %
S = Standard
O = Offset
PL = Plate
SC = Scribed plate
ST = Diced on tape
WS = Waffle pack
SP
L
B
U
LS
N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com