Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSUBT-SSC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LSUBT-SSC
Description  Ceramic Submount for High Power LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LSUBT-SSC Datasheet(HTML) 1 Page - Vishay Siliconix

  LSUBT-SSC Datasheet HTML 1Page - Vishay Siliconix LSUBT-SSC Datasheet HTML 2Page - Vishay Siliconix LSUBT-SSC Datasheet HTML 3Page - Vishay Siliconix LSUBT-SSC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
For technical questions, contact: efi@vishay.com
Document Number: 61086
1
Revision: 19-Jan-10
LSUB
Vishay Electro-Films
Ceramic Submount for High Power LED
The LSUB series substrates are ceramic LED package
bases designed to provide thermal management for high
power (> 1 W) LED devices; the LSUB is designed to
minimize the thermal resistance between the die junction
and the package termination. The LSUB’s enhanced thermal
management enables a lower junction temperature and
increased efficiency and reliability compared to other
technologies. In addition to the increased brightness, the
lower junction temperature results in better color uniformity.
The LSUB is available in two configurations; in the standard
configuration the LED die is mounted directly over filled vias
and an offset version where the filled via is located to the side
of the die pad. The standard configuration is designed for the
attach methods including conductive epoxies and thick
solders (greater than 12 µm) while the offset configuration is
designed for thin eutectic solder layers in the 2 µm to 3 µm
range. An additional benefit of the standard configuration is
the pad size is large enough to accommodate a parallel
diode for ESD protection.
The LSUB is available singulated as individual die or in
square arrays. Additional LED configurations and form
factors available upon reques.
FEATURES
• Ultra-low thermal resistance
• Eutectic or epoxy LED die attach pads
• Surface-mounted component assembly
APPLICATIONS
• High power LED for automotive, industrial and home
applications
• High power laser diodes for industrial applications
Note
(1) Thermal resistance between die pad and package termination (anode)
GENERAL SPECIFICATIONS
Substrate Material
Alumina 99.6 %, Alumina 96 % or AlN
Conductor Material
Copper
Conductor Thickness
5 µm ± 10 %
Substrate Thickness
25 mil (0.635 mm)
LED Die Size
40 mil x 40 mil (1 mm x 1 mm)
Operating Temperature (°C)
- 55 to + 125
Storage Temperature (°C)
- 55 to + 125
Die Bond Pad Metallization
Ni/Au or 80 %/20 % AuSn over Ni/Au
TYPICAL THERMAL RESISTANCE (1) (K/W)
SUBSTRATE
STANDARD
OFFSET
AlN
35
Alumina (99.6 %)
68
Alumina (96 %)
10
12


Similar Part No. - LSUBT-SSC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Honeywell Solid State E...
LSU1A HONEYWELL-LSU1A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSU1E HONEYWELL-LSU1E Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
LSU260-EO SIEMENS-LSU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
More results

Similar Description - LSUBT-SSC

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
SES9-940-01 BOOKHAM-SES9-940-01 Datasheet
627Kb / 4P
9W 940nm High Power Single Emitter Laser Diode on Submount
SES8-915-01 BOOKHAM-SES8-915-01 Datasheet
645Kb / 4P
8W/7W 9xxnm High Power Single Emitter Laser Diode on Submount
logo
P-tec Corporation
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCG46 P-TEC-PL0066-WCG46 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
SMD High Power LED Ceramic Package
PL0066-WCY02 P-TEC-PL0066-WCY02 Datasheet
29Kb / 1P
SMD High Power LED Ceramic Package
logo
OSRAM GmbH
KWC2L5L1.TE OSRAM-KWC2L5L1.TE Datasheet
980Kb / 21P
OSLON Submount CL
logo
Shanghai Toplite Techno...
A-HR511W-AC15-1W-STAR TOPLITE-A-HR511W-AC15-1W-STAR Datasheet
119Kb / 3P
FOR 1W HIGH-POWER LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com