Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM25751V-24R-R62S Datasheet(PDF) 9 Page - Eaton All Rights Reserved.

Part # EPM25751V-24R-R62S
Description  15 Watt isolated DC-DC converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EPM25751V-24R-R62S Datasheet(HTML) 9 Page - Eaton All Rights Reserved.

  EPM25751V-24R-R62S Datasheet HTML 1Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 2Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 3Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 4Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 5Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 6Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 7Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 8Page - Eaton All Rights Reserved. EPM25751V-24R-R62S Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com/electronics
© 2022 Eaton
All Rights Reserved
Printed in USA
Publication No. ELX1165 BU-ELX22024
March 2022
Technical Data ELX1165
Effective March 2022
EPM25-1V 15 W
15 Watt isolated DC-DC converter
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Follow us on social media to get the
latest product and support information.
General information
Storage and handling
The shelf life will be a minimum of 36 months, when stored at the
following conditions: < +40 °C, < 90% RH.
Wave solder profile
The wave solder profile is measured based on lead temperature. The
recommended PCB pre-heat temperature is +80 °C to +100 °C, and the
preheat rate of 1.5 to 2.5 °C/sec. The underside PCB temperature at the last
pre-heat zone should be approximately +150 °C. The internal temperature
of the solder parts should not exceed +210 °C. The duration of solder dwell
time should be between 3 to 5 seconds, and not to exceed 10 seconds at a
temperture of +260 °C maximum.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com