Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V97052 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 8V97052
Description  High Resolution Wideband RF Synthesizer / PLL
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97052 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 8V97052 Datasheet HTML 9Page - Renesas Technology Corp 8V97052 Datasheet HTML 10Page - Renesas Technology Corp 8V97052 Datasheet HTML 11Page - Renesas Technology Corp 8V97052 Datasheet HTML 12Page - Renesas Technology Corp 8V97052 Datasheet HTML 13Page - Renesas Technology Corp 8V97052 Datasheet HTML 14Page - Renesas Technology Corp 8V97052 Datasheet HTML 15Page - Renesas Technology Corp 8V97052 Datasheet HTML 16Page - Renesas Technology Corp 8V97052 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
R31DS0022EU0110 Rev.1.1
Page 13
May 20, 2021
8V97052 Datasheet
2.16 Phase Resync
The phase alignment function operates based on adjusting the “fractional” phase, so the phase can settle to any
one of the MOD phase offsets, MOD being the modulus of the fractional feedback divider.
The phase adjustment can provide a 0° – 360° of phase adjust, assuming that the output divider ratio is set to 1.
The phase step is TVCO/MOD for the normal case of fundamental feedback. TVCO is the period of the VCO.
The feedback select bit (FbkSel bit, Bit D23 in Register 4) gives the choices of fundamental feedback or divided
feedback. This bit controls the mux that sends the VCO signal or the output divider signal to the feedback loop.
The user can get larger phase steps in the divided mode, but the phase noise may be degraded, especially in
fractional mode. Should the user select this option, the phase adjustment step would be ~TOUT/MOD, where TOUT
is the output signal period.
When the part is in fractional mode, the device is dithering the feedback divider value. As an example, when using
a 4GHz VCO frequency, the feedback divider value may dither between div-by-20 and div-by-21. Since the period
is 250ps, there will be 250ps of jitter added to the phase detector. This jitter is filtered by the loop, but can still
show up at the output if the loop bandwidth is high. When using a divider before the feedback divider, the effective
VCO period is increased. If a div-by-64 is used for example, the period becomes
64
 250ps = 16ns. This means that there could be an additional 16ns of jitter at the PFD, rather than 250ps. It is
more challenging for the loop to filter this larger amount of jitter and this will degrade the overall performance of
the part, unless the user chooses to use a very low loop bandwidth. With normal loop bandwidth configurations
(for optimal noise), the phase noise would be degraded when using a divided feedback mode.
The phase resync is controlled by setting Bits [D18:D17] in Register 7 to D18 = 1 and D17 = 0.
When phase resync is used, an internal timer generates sync signals every TSYNC where:
TSYNC = ClkDiv  MOD  TPFD
(5)
▪ ClkDiv = the value (from 1 and 4095) programmed in the 12-bit clock counter in Bits [D31:D20] in Register 4.
The 12-bit counter is used as a timer for Fast Lock and for the Phase Resync function.
▪ MOD = the modulus value (Bits [D14:D3] of Register 1 and Bits [D22:D3] of Register 5)
▪ TPFD = the PFD period
In Equation 5, the minimum of either MOD value or 4095 is used for calculating TSYNC.
Figure 8. 12-bit Counter for Fast Lock and Phase Resync
After the user program a frequency, the second sync pulse coming from the 12-bit counter, after the nCS is
asserted high, is used to resynchronize the output phase to the input phase. To ensure that the PLL is locked
before to resynchronize the output phase, TSYNC must be larger than the worst case lock time.
2.17 Fast Lock Function
The device uses a fast-lock mode to decrease lock time.
In order to allow the fast lock mode, the Fast Lock Switch (FLSW) is shorted to ground and the Charge Pump
Current (ICP) is changed temporarily until the fast lock mode is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com