Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1129LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1129LB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1129LB Datasheet HTML 1Page - Renesas Technology Corp F1129LB Datasheet HTML 2Page - Renesas Technology Corp F1129LB Datasheet HTML 3Page - Renesas Technology Corp F1129LB Datasheet HTML 4Page - Renesas Technology Corp F1129LB Datasheet HTML 5Page - Renesas Technology Corp F1129LB Datasheet HTML 6Page - Renesas Technology Corp F1129LB Datasheet HTML 7Page - Renesas Technology Corp F1129LB Datasheet HTML 8Page - Renesas Technology Corp F1129LB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
50Ω SE-In – 100Ω DIFF-Out
Amplifier 3.0GHz to 4.2GHz
F1129MB
Datasheet
© 2019 Renesas Electronics Corporation
1
January 31, 2021
Description
The F1129MB is a single-ended input / differential output 3GHz to
4.2GMHz high gain RF amplifier. The combination of impedance
translation, high gain, high linearity, and low noise performance
makes this device an ideal amplifier for a variety of receiver
applications.
The F1129MB has been optimized to operate with a single 5V
power supply and a nominal 60mA of ICC. When operated at
3.55GHz, the F1129MB provides 19dB typical gain with 1.8dB
noise figure and +32dBm OIP3.
The F1129MB is pin-compatible with Renesas’ F1129xx family of
RF amplifiers, offering additional frequency and output impedance
options. Each F1129 variant is packaged in a 2 × 2 mm, 12-pin
DFN, with a 50Ω single-ended RF input and 100Ω differential RF
output impedances for ease of integration into the signal-path.
F1129xx Base
Part Number
Differential Output
Impedance
Frequency
Band
Frequency
Coverage
F1129LB
100Ω
Low
1.4GHz to
3.2GHz
F1129MB
100Ω
Mid
3.0GHz to
4.2GHz
F1129HB
100Ω
High
4.0GHz to
6.0GHz
Competitive Advantage
High gain
Excellent gain flatness over frequency
Outstanding gain variance over temperature
STBY feature
Differential output to directly drive transceiver inputs
Typical Applications
5G / Massive MIMO Base Stations
4G TDD and FDD Base Stations
2G/3G Base Stations
Repeaters and DAS
Point to Point Infrastructure
Public Safety Infrastructure
Military Handhelds
Features
RF range: 3.0GHz to 4.2GHz
Gain = 19dB at 3.55GHz
Noise figure = 1.8dB at 3.55GHz
OIP3 = +32dBm at 3.55GHz
Output P1dB = +18dBm at 3.55GHz
Gain variation over temperature = ±0.15dB typical
50Ω single-ended input impedances
100Ω differential output impedances
3.3V or 5V power supply
ICC = 60mA at 5V
1.3mA standby current
1.8V and 3.3V logic support for STBY control
Operating temperature (TEP) range: -40°C to +115°C
2 × 2 mm, 12-DFN package
Block Diagram
Figure 1. F1129MB Block Diagram
RF_IN
RF_OUT +
RF_OUT -
Bias
F1129MB
Bias and Control


Similar Part No. - F1129LB

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1120 POLYFET-F1120 Datasheet
44Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
logo
Feinmetall GmbH
F11211B050G040 FEINMETALL-F11211B050G040 Datasheet
108Kb / 1P
Basic Contact Probe
F11212B090G040 FEINMETALL-F11212B090G040 Datasheet
109Kb / 1P
Basic Contact Probe
F11218B053G040 FEINMETALL-F11218B053G040 Datasheet
108Kb / 1P
Basic Contact Probe
logo
Baumer IVO GmbH & Co. K...
F112450KC3B IVO-F112450KC3B Datasheet
551Kb / 4P
Totalizers electromechanic
More results

Similar Description - F1129LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6001-SC ETC1-CMM6001-SC Datasheet
393Kb / 4P
60MHz TO 3.0GHz HIGH DYNAMIC RANGE AMPLIFIER
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U_08 Datasheet
151Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
logo
TriQuint Semiconductor
TGA4960-SL TRIQUINT-TGA4960-SL_15 Datasheet
132Kb / 1P
100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F4482 RENESAS-F4482 Datasheet
4Mb / 49P
DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
F1429MB RENESAS-F1429MB Datasheet
2Mb / 21P
100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com