Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1429MB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1429MB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429MB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1429MB Datasheet HTML 9Page - Renesas Technology Corp F1429MB Datasheet HTML 10Page - Renesas Technology Corp F1429MB Datasheet HTML 11Page - Renesas Technology Corp F1429MB Datasheet HTML 12Page - Renesas Technology Corp F1429MB Datasheet HTML 13Page - Renesas Technology Corp F1429MB Datasheet HTML 14Page - Renesas Technology Corp F1429MB Datasheet HTML 15Page - Renesas Technology Corp F1429MB Datasheet HTML 16Page - Renesas Technology Corp F1429MB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
© 2020 Renesas Electronics Corporation
13
January 31, 2021
F1429MB Datasheet
Typical 3.3V Performance Characteristics
Figure 13. Gain
Figure 14. Reverse Isolation
Figure 15. Input Return Loss
Figure 16. Output Return Loss
Figure 17. Output IP3
Figure 18. Output P1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com