Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1429LB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1429LB
Description  100Ω DIFF-In – 50Ω SE-Out Amplifier 3.0GHz to 4.2GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1429LB Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1429LB Datasheet HTML 1Page - Renesas Technology Corp F1429LB Datasheet HTML 2Page - Renesas Technology Corp F1429LB Datasheet HTML 3Page - Renesas Technology Corp F1429LB Datasheet HTML 4Page - Renesas Technology Corp F1429LB Datasheet HTML 5Page - Renesas Technology Corp F1429LB Datasheet HTML 6Page - Renesas Technology Corp F1429LB Datasheet HTML 7Page - Renesas Technology Corp F1429LB Datasheet HTML 8Page - Renesas Technology Corp F1429LB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
100Ω DIFF-In – 50Ω SE-Out
Amplifier 3.0GHz to 4.2GHz
F1429MB
Datasheet
© 2020 Renesas Electronics Corporation
1
January 31, 2021
Description
The F1429MB is a differential input / single-ended output 3.0GHz
to 4.2GHz high-gain RF amplifier. The combination of impedance
translation, high gain, high linearity, and low noise performance
makes this device an ideal first-stage amplifier for a variety of
transmitter applications.
The F1429MB is optimized to operate with a single 5V power
supply and a nominal 73mA of ICC. When operated at 3.55GHz, the
device provides 21dB typical gain with 1.8dB noise figure, +40dBm
OIP3, and +21dBm OP1dB.
The F1429MB is pin-compatible with Renesas’ F1429xx family of
RF amplifiers (shown below). Each F1429 variant is packaged in a
2 × 2 mm, 12-pin DFN, with a 100Ω differential RF input and 50Ω
single-ended RF output impedances for ease of integration into the
signal path.
F1429xx Base
Part Number
Differential Input
Impedance
DC
Feed
Frequency
Band
Frequency
Coverage
F1429LB
100Ω
No
Low
1.4GHz to
3.2GHz
F1429MB
100Ω
No
Mid
3.0GHz to
4.2GHz
F1429HB
100Ω
No
High
4.0GHz to
6.0GHz
Competitive Advantage
High Gain and Excellent Gain Flatness Over Frequency
Standby (STBY) Feature
Differential Input to Directly Interface with Transceiver Outputs
Typical Applications
5G Massive MIMO Base Stations
4G TDD and FDD Base Stations
Repeaters and DAS
Point to Point Infrastructure
Features
RF range: 3.0GHz to 4.2GHz
Gain = 21dB at 3.55GHz
Noise figure = 1.8dB at 3.55GHz
OIP3 = +40dBm at 3.55GHz
Output P1dB = +21dBm at 3.55GHz
Gain variation over temperature = ±0.2 typical
100Ω differential input impedance
50Ω single-ended output impedance
3.3V or 5V power supply
ICC = 73mA at 5V
1.3mA standby current
1.8V and 3.3V logic support for STBY control
Operating temperature (TEP) range: -40°C to +115°C
2 × 2 mm 12-pin DFN package
Block Diagram
Figure 1. F1429MB Block Diagram
RF_IN+
RF
Bias
F1429MB
Bias and Control :
RF_ IN-


Similar Part No. - F1429LB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1420 IDT-F1420 Datasheet
2Mb / 19P
RF Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
RF Amplifier 700MHz to 1.1GHz
logo
Integrated Device Techn...
F1420EVBI IDT-F1420EVBI Datasheet
2Mb / 19P
RF Amplifier
logo
Renesas Technology Corp
F1420EVBI RENESAS-F1420EVBI Datasheet
2Mb / 20P
RF Amplifier 700MHz to 1.1GHz
F1420EVKITREV1 RENESAS-F1420EVKITREV1 Datasheet
2Mb / 17P
RF Amplifier 1.7GHz to 2.2GHz
More results

Similar Description - F1429LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6001-SC ETC1-CMM6001-SC Datasheet
393Kb / 4P
60MHz TO 3.0GHz HIGH DYNAMIC RANGE AMPLIFIER
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U_08 Datasheet
151Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
logo
TriQuint Semiconductor
TGA4960-SL TRIQUINT-TGA4960-SL_15 Datasheet
132Kb / 1P
100 / 200 Gb/s Quad Diff In / Diff Out Linear Driver
logo
Renesas Technology Corp
F4481 RENESAS-F4481 Datasheet
3Mb / 45P
DIFF-In/SE-Out Quad Path TX DVGA 400MHz to 1100MHz
F4482 RENESAS-F4482 Datasheet
4Mb / 49P
DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
F1129MB RENESAS-F1129MB Datasheet
2Mb / 22P
50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
January 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com