Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1129MBEVB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # F1129MBEVB
Description  50Ω SE-In – 100Ω DIFF-Out Amplifier 3.0GHz to 4.2GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1129MBEVB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button F1129MBEVB Datasheet HTML 10Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 11Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 12Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 13Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 14Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 15Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 16Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 17Page - Renesas Technology Corp F1129MBEVB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
F1129MB Datasheet
© 2019 Renesas Electronics Corporation
14
January 31, 2021
Typical 3.3V Performance Characteristics
Figure 13. Gain
Figure 14. Reverse Isolation
Figure 15. Input Return Loss
Figure 16. Output Return Loss
Figure 17. Output IP3
Figure 18. Output P1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com