Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1490 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1490
Description  High Gain RF Amplifier 1.8GHz to 6.4GHz
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1490 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1490 Datasheet HTML 9Page - Renesas Technology Corp F1490 Datasheet HTML 10Page - Renesas Technology Corp F1490 Datasheet HTML 11Page - Renesas Technology Corp F1490 Datasheet HTML 12Page - Renesas Technology Corp F1490 Datasheet HTML 13Page - Renesas Technology Corp F1490 Datasheet HTML 14Page - Renesas Technology Corp F1490 Datasheet HTML 15Page - Renesas Technology Corp F1490 Datasheet HTML 16Page - Renesas Technology Corp F1490 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
F1490 Datasheet
© 2021 Renesas Electronics Corporation
13
November 15, 2021
Electrical Characteristics – 3.8GHz to 4.2GHz
Specifications apply when operated as a TX amplifier with tuning optimized for the 3.8GHz to 4.2GHz band, VDD = +5.0V, fRF = 4GHz,
TEPAD = +25°C, GAIN_SEL = LOW, STBY = HIGH, ZS = ZL = 50Ω, Evaluation Kit trace and connector losses are de-embedded, unless otherwise
stated.
Table 8.
Electrical Characteristics – 3.8GHz to 4.2GHz (Low Gain Mode unless Otherwise Specified)
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Unit
Gain
G
Low Gain Mode
35
dB
High Gain Mode
40
Gain Flatness
GFLAT
fRF = 3.8GHz to 4.2GHz
2.4
dB
Gain Variation Over Temperature
GTEMP
TEPAD = -40°C to +115°C,
referenced to TEPAD = 25°C
+2.6 / -2.2
dB
STBY Mode Gain
GSTBY
STBY = logic LOW
PIN ≤ -15dBm
fRF = 3.8GHz to 4.2GHz
-45
dB
RF Input Return Loss
RLRFIN
fRF = 3.8GHz to 4.2GHz
8
dB
RF Output Return Loss
RLRFOUT
fRF = 3.8GHz to 4.2GHz
7
dB
Reverse Isolation
ISOREV
51
dB
Noise Figure
NF
3.5
dB
Output Third Order Intercept Point
OIP3
POUT = +4dBm / tone
1MHz tone separation
35
dBm
Output 1dB Compression Point
OP1dB
24
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com