Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222AS-AB Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N2222AS-AB
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS-AB Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N2222AS-AB Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS-AB Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N2222AS-AB
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
ON CHARACTERISTICS (Note 2.)
SMALL–SIGNAL CHARACTERISTICS
DC Current Gain
(IC = 0.1 mA, VCE = 10 V)
35
-
-
(IC = 1.0 mA, VCE = 10 V)
50
-
-
(IC = 10 mA, VCE = 10 V)
HFE
75
-
-
(IC = 10 mA, VCE = 10 V,TA= –55°C)
35
-
-
(IC = 150 mA, VCE = 10 V)
100
-
300
(IC = 150 mA, VCE = 1.0 V)
50
-
-
(IC = 500 mA, VCE = 10 V)
40
-
-
Collector–Emitter Saturation Voltage
(IC = 150 mA, IB = 15 mA)
VCE(sat)
-
-
0.3
V
(IC = 500 mA, IB = 50 mA)
-
-
1
Base–Emitter Saturation Voltage
(IC = 150 mA, IB = 15 mA)
VBE(sat)
0.6
-
1.2
V
(IC = 500 mA, IB = 50 mA)
-
-
2
Current–Gain — Bandwidth Product
(IC = 20mA, VCE= 20V, f = 100MHz)
fT
300
-
-
MHz
Output Capacitance
(VCB = 10.0V, IE = 0, f = 1.0 MHz)
Cobo
-
-
8
pF
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Collector–Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
VBR(CEO)
40
-
-
V
Collector–Base Breakdown Voltage
(IC = 10 μA, IE = 0)
VBR(CBO)
75
-
-
V
Emitter–Base Breakdown Voltage
(IE = 10 μA, IC = 0)
VBR(EBO)
6
-
-
V
Collector Cutoff Current
(VCB = 60 V, IE = 0)
(VCB = 60 V, IE = 0, TA = 125°C)
ICBO
-
-
-
-
0.01
10
μA
Emitter Cutoff Current
(VEB = 3.0 V, IC = 0)
IEBO
-
-
100
nA
Collector-Emitter cutoff Current
(VCE 40V,IB=0)
ICEO
-
-
10
μA
2022. 04.
Revision No : 0
2022. 04. 28
Revision No : 0
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com