Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222AS-AL Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N2222AS-AL
Description  General Purpose Transistors NPN Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N2222AS-AL Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N2222AS-AL Datasheet HTML 1Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 2Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 3Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 4Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 5Page - First Silicon Co., Ltd 2N2222AS-AL Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N2222AS-AL
2022. 04. 21
2/6
Revision No : 0
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Collector–Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
Collector–Base Breakdown Voltage
(IC = 10 μA, IE = 0)
Emitter–Base Breakdown Voltage
(IE = 10 μA, IC = 0)
Collector Cutoff Current
(VCE = 60 V, VEB(off) = 3.0V)
Collector Cutoff Current
(VCB = 60 V, IE = 0)
(VCB = 60 V, IE = 0, TA = 125°C)
Emitter Cutoff Current
(VEB = 3.0 V, IC = 0)
Base Cutoff Current
(VCE = 60 V, VEB(off) = 3.0 V)
ON CHARACTERISTICS (Note 2.)
DC Current Gain
(IC = 0.1 mA, VCE = 10 V)
(IC = 1.0 mA, VCE = 10 V)
(IC = 10 mA, VCE = 10 V)
(IC = 10 mA, VCE = 10 V,TA= –55°C)
(IC = 150 mA, VCE = 10 V)
(IC = 150 mA, VCE = 1.0 V)
(IC = 500 mA, VCE = 10 V)
Collector–Emitter Saturation Voltage
(IC = 150 mA, IB = 15 mA)
(IC = 500 mA, IB = 50 mA)
Base–Emitter Saturation Voltage
(IC = 150 mA, IB = 15 mA)
(IC = 500 mA, IB = 50 mA)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 20mA, VCE= 20V, f = 100MHz)
Output Capacitance
(VCB = 5.0 V, IE = 0, f = 1.0 MHz)
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
ICEX
-
-
10
VCE(sat)
IBL
-
-
20
HFE
35
-
50
-
-
75
-
-
100
-
300
-
ICBO
0.01
VBR(CBO)
75
-
-
VBR(EBO)
6
-
-
Typ.
Max.
Unit
VBR(CEO)
V
40
-
-
Symbol
Min.
-
-
2
fT
300
-
-
VBE(sat)
Cobo
Cibo
-
-
8
-
-
25
pF
V
V
nA
nA
V
V
MHz
40
-
-
-
-
0.3
-
-
1
0.6
-
1.2
-
-
10
-
-
pF
μA
IEBO
nA
-
-
100
50
-
-
35
-
-
Collector-Emitter cutoff Current
ICEO
-
-
10
μA
(VCE 40V, IB=0)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com