Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383TQ-R Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2SC2383TQ-R
Description  Silicon NPN transistor in a SOT-89 Plastic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2SC2383TQ-R Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2SC2383TQ-R Datasheet HTML 1Page - First Silicon Co., Ltd 2SC2383TQ-R Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S E M IC O NDUC TO R
TECHNICAL DATA
2SC2383TQ
2017. 05. 10
Revision No : 0
1/2
2SC2383TQ
FEATURES
Silicon NPN transistor in a SOT-89 Plastic Package
Color TV class B sound output applications
SOT-89
G
D
A
C
H
1
2
3
K
F
F
D
DIM
MILLIMETERS
A
4.70 MAX
B
2.50 +_0.20
C
1.70 MAX
D
0.45+0.15/-0.10
E
4.25 MAX
F
1.50+_0.10
G
0.40 TYP
H
1.7 MAX
J
0.7 MIN
K
0.5+0.15/-0.10
1. BASE
2. COLLECTOR
3. EMITTER
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
160
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6.0
V
Collector Current-Continuous
IC
1.0
A
Collector Base-Continuous
IB
0.5
A
Collector Power Dissipation
PC
500
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
160
V
Collector Cut-Off Current
ICBO
VCB=150V
IE=0
1.0
μA
Emitter Base Cut-Off Current
IEBO
VEB=6.0V
IC=0
1.0
μA
DC Current Gain
hFE
VCE=5.0V
IC=200mA
60
320
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=500mA
IB=50mA
1.5
V
Emitter to Base Saturation Voltage
VBE
VCE=5.0V
IC=5.0mA
0.45
0.75
V
Transition Frequency
fT
VCE=5.0V
IC=200mA
20
100
MHz
Collector Output Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
20
pF
Absolute Maximum Ratings(Ta=25
℃)
Electrical Characteristics(Ta=25
℃)


Similar Part No. - 2SC2383TQ-R

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC2383T FOSHAN-2SC2383T Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
More results

Similar Description - 2SC2383TQ-R

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SC1623T FOSHAN-2SC1623T Datasheet
1Mb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SD1664 FOSHAN-2SD1664 Datasheet
963Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
2SD669TA FOSHAN-2SD669TA Datasheet
905Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
BC868 FOSHAN-BC868 Datasheet
638Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
BC869 FOSHAN-BC869 Datasheet
651Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
BCX54 FOSHAN-BCX54 Datasheet
825Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
KTC4375 FOSHAN-KTC4375 Datasheet
776Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
9014T FOSHAN-9014T Datasheet
1,006Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
MMBT3904T FOSHAN-MMBT3904T Datasheet
843Kb / 7P
Silicon NPN transistor in a SOT-89 Plastic Package
MJE13001CT FOSHAN-MJE13001CT Datasheet
705Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com