Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF405YML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF405YML
Description  290MHz-980MHz ISM Band ASK / FSK Transmitter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF405YML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF405YML Datasheet HTML 4Page - Micrel Semiconductor MICRF405YML Datasheet HTML 5Page - Micrel Semiconductor MICRF405YML Datasheet HTML 6Page - Micrel Semiconductor MICRF405YML Datasheet HTML 7Page - Micrel Semiconductor MICRF405YML Datasheet HTML 8Page - Micrel Semiconductor MICRF405YML Datasheet HTML 9Page - Micrel Semiconductor MICRF405YML Datasheet HTML 10Page - Micrel Semiconductor MICRF405YML Datasheet HTML 11Page - Micrel Semiconductor MICRF405YML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Micrel
MICRF405
April 2006
8
M9999-041906
(408) 955-1690
Programming Interface Timing
Figure 1 and Table 2 shows the timing specification
for the 3-wire serial programming interface.
Figure 1. Programming Interface Timing.
Values
Symbol
Parameter
Min.
Typ.
Max.
Units
Tper
Min. period of SCK
50
ns
Thigh
Min. high time of SCK
20
ns
Tlow
Min. low time of SCK
20
ns
Tfall
Max. time of falling edge of SCK
1
µs
Trise
Max. time of rising edge of SCK
1
µs
Tsenf
Min. time of falling edge of SEN to falling edge of SCK
0
ns
Tsenr
Min. delay from rising edge of SEN to rising edge of SCK
5
ns
Twrite
Min. delay from valid SIO to falling edge of SCK during a
write operation
0
ns
Tread
Min. delay from rising edge of SCK to valid SIO during a read
operation (assuming load capacitance of SIO is 25pF)
75
ns
Trdy
Min. delay from falling edge of SCK (last bit of byte into data
buffer) to falling edge of RDY
20
ns
Thigh
Min. duration of a SEN high pulse
(Fphd is the phase detector frequency)
1/Fphd
Time from power up to first falling edge of SEN
3.5
ms
Table 2. Timing Specification for the 3-wire Programming Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com