Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1763 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1763
Description  Ideal for Multi-Carrier Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1763 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1763 Datasheet HTML 17Page - Renesas Technology Corp F1763 Datasheet HTML 18Page - Renesas Technology Corp F1763 Datasheet HTML 19Page - Renesas Technology Corp F1763 Datasheet HTML 20Page - Renesas Technology Corp F1763 Datasheet HTML 21Page - Renesas Technology Corp F1763 Datasheet HTML 22Page - Renesas Technology Corp F1763 Datasheet HTML 23Page - Renesas Technology Corp F1763 Datasheet HTML 24Page - Renesas Technology Corp F1763 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RF to IF Single Downconverting Mixer
1900MHz to 2900MHz
IDT Zero-Distortion
TM Mixer
21
RevO December 2013
IDTF1763NBGI
Datasheet
PIN DESCRIPTIONS
Pin
Name
Function
1
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
2
RF_IN
RF Input. Internally matched to 50Ω. Do not apply DC to this
pin.
3
GND [RF_RTN]
RF input Balun return. Ground this pin
4
GND
Internally bonded to GND
5
GND [NC]
No Connection. Not internally connected. OK to connect to
VCC. OK to connect to GND.
6
VCC [NC]
No Connection. Not internally connected. OK to connect to
VCC. OK to connect to GND.
7
IF_BIAS
Connect the specified resistor from this pin to ground to
optimize linearity.
8
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
9
NC [die ID]
This pin serves as the die ID. Leave it unconnected
10
GND
Internally bonded to GND
11
LO_IN
Local Oscillator Input. This input is internally matched to 50Ω.
This pin requires an input DC-blocking capacitor
12
GND
Internally bonded to GND
13
GND [LO_ADJ]
Ground this pin for best linearity performance. A resistor
from this pin to GND can be used to reduce DC power
consumption while slightly degrading linearity performance.
14
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
15
NC
No Connection. Not internally connected. OK to connect to
VCC. OK to connect to GND.
16
GND [L_EXT]
Provisions for an external inductor. Ground this pin for
normal operation.
17
STBY
Ground for normal operation. Pull high to disable
18
IF_OUT-
Mixer Differential IF Output. Connect pullup inductor from this
pin to VCC (see the Typical Application Circuit).
19
IF_OUT+
Mixer Differential IF Output. Connect pullup inductor from this
pin to VCC (see the Typical Application Circuit).
20
IF_SET
Connect the specified resistor from this pin to ground to set
the correct Icc for the IF amplifier.
— EP
Exposed Pad. Internally connected to GND. Connect to
Ground with multiple vias for good thermal relief



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com