Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB2014-BZXI Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # CYUSB2014-BZXI
Description  SuperSpeed USB Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYUSB2014-BZXI Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button CYUSB2014-BZXI Datasheet HTML 28Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 29Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 30Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 31Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 32Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 33Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 34Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 35Page - Infineon Technologies AG CYUSB2014-BZXI Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
Datasheet
32
001-52136 Rev. *Y
2022-08-11
EZ-USB FX3
SuperSpeed USB Controller
Electrical specifications
17
Electrical specifications
17.1
Absolute maximum ratings
Exceeding maximum ratings may shorten the useful life of the device.
Storage temperature ......................... –65°C to +150°C
Ambient temperature with
power supplied (Industrial) ................ –40°C to +85°C
Ambient temperature with
power supplied (Commercial) ................ 0°C to +70°C
Supply voltage to ground potential
VDD, AVDDQ ...........................................................1.25 V
VIO1,VIO2, VIO3, VIO4, VIO5 .......................................3.6 V
U3TXVDDQ, U3RXVDDQ .........................................1.25 V
DC input voltage to any input pin ...............VCC + 0.3 V
DC voltage applied to
outputs in high Z state ............................... VCC + 0.3 V
(VCC is the corresponding I/O voltage)
Static discharge voltage ESD protection levels:
• ± 2.2-kV HBM based on JESD22-A114
• Additional ESD protection levels on D+, D–, and GND pins, and serial peripheral pins
• ± 6-kV contact discharge, ± 8-kV air gap discharge based on IEC61000-4-2 level 3A, ± 8-kV contact discharge, and
± 15-kV air gap discharge based on IEC61000-4-2 level 4C
Latch-up current ......................................... .> 200 mA
Maximum output short-circuit current
for all I/Os (cumulative) ................................ –100 mA
Maximum output current per I/O
(source or sink) .................................................. 20 mA
17.2
Operating conditions
TA (ambient temperature under bias)
Industrial ............................................. –40°C to +85°C
Commercial ............................................ 0°C to +70°C
VDD, AVDDQ, U3TXVDDQ, U3RXVDDQ
Supply voltage .....................................1.15 V to 1.25 V
VBATT supply voltage ..................................3.2 V to 6 V
VIO1, VIO2, VIO3, VIO4, CVDDQ
Supply voltage .........................................1.7 V to 3.6 V
VIO5 supply voltage ............................... 1.15 V to 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com