Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3A010170D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FS3A010170D
Description  Silicon Carbide Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FS3A010170D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FS3A010170D Datasheet HTML 1Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 2Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 3Page - First Silicon Co., Ltd FS3A010170D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
VF
Forward Voltage
1.5
2.1
1.8
2.5
V
IF = 10A, TJ = 25℃
IF = 10A, TJ = 175℃
Fig.1
IR
Reverse Current
5
25
50
200
µA
VR = 1700V, TJ = 25℃
VR = 1700V, TJ = 175℃
Fig.2
C
Total Capacitance
990
45
42
/
pF
VR = 0V, TJ = 25℃, f = 1MHz
VR = 800V, TJ = 25℃, f = 1MHz
VR = 1700V, TJ = 25℃, f = 1MHz
Fig.5
QC
Total Capacitive Charge
106
/
nC
VR = 1700V, IF =10A
di/dt = 200A/µs, TJ = 25℃
Fig.4
Thermal Characteristics
Symbol
Parameter
Typ.
Unit
Note
RθJC
Thermal Resistance from Junction to Case
0.5
℃
/W
Fig.6
RθJA
Thermal Resistance from Junction to Ambient
80
℃
/W
Tsold
Soldering Temperature
260
℃
Typical Performance
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
VF (V)
VR (V)
FS3A010170D
2021. 11. 24
Revision No : 0
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com