Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM5Z2V4 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MM5Z2V4
Description  Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MM5Z2V4 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MM5Z2V4 Datasheet HTML 1Page - First Silicon Co., Ltd MM5Z2V4 Datasheet HTML 2Page - First Silicon Co., Ltd MM5Z2V4 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zener Diode
Features
● High reliability
● Zener Voltage 2.0V~75V
Mechanical Data
● Package: SOD-523
● Polarity: Cathode line denotes the cathode end
2
ANODE
1
CATHODE
SOD-523
SEMICONDUCTOR
TECHNICAL DATA
MM5Z2V0 ~ MM5Z75
2021. 04. 08
1/3
Revision No : 0
1
2
Absolute Maximum Ratings (Ta = 25 OC)
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Value
Unit
Total Device Dissipaton
Ptot
200
mW
Junction and Storage Temperature Range
Tj , Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Forward Voltage
at IF = 10 mA
VF
0.9
V
Unit


Similar Part No. - MM5Z2V4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z2V4 EIC-MM5Z2V4 Datasheet
109Kb / 2P
ZENER DIODES
logo
Weitron Technology
MM5Z2V4 WEITRON-MM5Z2V4 Datasheet
439Kb / 3P
Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MM5Z2V4 FAIRCHILD-MM5Z2V4 Datasheet
177Kb / 4P
Zener Diodes
logo
SeCoS Halbleitertechnol...
MM5Z2V4 SECOS-MM5Z2V4 Datasheet
136Kb / 4P
Surface Mount Zener Diode
logo
SEMTECH ELECTRONICS LTD...
MM5Z2V4 SEMTECH_ELEC-MM5Z2V4 Datasheet
266Kb / 4P
SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z2V4

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com