Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM8Z3V3C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MM8Z3V3C
Description  SOD - 882 Surface M ount Zener Volt ag e Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MM8Z3V3C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MM8Z3V3C Datasheet HTML 1Page - First Silicon Co., Ltd MM8Z3V3C Datasheet HTML 2Page - First Silicon Co., Ltd MM8Z3V3C Datasheet HTML 3Page - First Silicon Co., Ltd MM8Z3V3C Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2021. 08. 20
2/4
Revision No : 0
MM8Z2V0C~MM8Z75VC
Electrical Characteristics
●
(TA = 25°C unless otherwise noted)
Device
Type
Device
Marking
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
Min
Nom
Max
MM8Z15VC
8K
14.3
15
15.8
5
30
1
80
0.05
10.5
MM8Z16VC
8L
15.3
16
17.1
5
40
1
80
0.05
11.2
MM8Z18VC
8M
16.8
18
19.1
5
45
1
80
0.05
12.6
MM8Z20VC
8N
18.8
20
21.2
5
55
1
100
0.05
14
MM8Z22VC
8P
20.8
22
23.3
5
55
1
100
0.05
15.4
MM8Z24VC
8R
22.8
24
25.6
5
70
1
120
0.05
16.8
MM8Z27VC
8S
25.1
27
28.9
2
80
0.5
300
0.05
18.9
MM8Z30VC
8T
28
30
32
2
80
0.5
300
0.05
21
MM8Z33VC
8U
31
33
35
2
80
0.5
300
0.05
23.2
MM8Z36VC
8V
34
36
38
2
90
0.5
500
0.05
25.2
MM8Z39VC
8X
37
39
41
2
130
0.5
500
0.05
27.3
MM8Z43VC
8Y
40
43
46
2
150
0.5
500
0.05
30.1
MM8Z47VC
8Z
44
47
50
2
170
0.5
500
0.05
32.9
MM8Z51VC
8−
48
51
54
2
180
0.5
500
0.05
35.7
MM8Z56VC
8=
52
56
60
2
200
0.5
500
0.05
39.2
MM8Z62VC
8≡
58
62
66
2
215
0.5
500
0.05
43.4
MM8Z68VC
8>
64
68
72
2
240
0.5
500
0.05
47.6
MM8Z75VC
8<
70
75
79
2
255
0.5
500
0.05
52.5
VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (
VZ) is tested under pulse condition of 10mS.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances, contact your nearest Yuhong Microelectronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of
the dc zener current (
IZT or IZK) is superimposed to IZT or IZK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com