Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCF6N65A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MPCF6N65A
Description  ZeroReverse Recovery Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPCF6N65A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MPCF6N65A Datasheet HTML 1Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 2Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 3Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 4Page - First Silicon Co., Ltd MPCF6N65A Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2021. 05. 20
2/5
Revision No : 0
MPCF6N65A
Electrical Characteristics (TJ= 25ºC, unlessotherwise noted)
Parameter
Symbol
Test Conditions
Value
Unit
Note
Min. Typ. Max.
Forward Voltage
VF
IF = 6A, TJ = 25ºC
--
1.4
1.65
V
Fig.1
IF = 6A, TJ = 175ºC
--
1.75
2.3
Reverse Current
IR
VR = 650V, TJ = 25ºC
--
1
20
uA
Fig.2
VR = 650V, TJ = 175ºC
--
5
100
uA
Total Capacitance
C
VR = 0V, f=1 MHZ
--
300
--
pF
Fig.3
VR = 200V, f=1 MHZ
--
34
--
VR = 400V, f=1 MHZ
--
30
--
TotalCapacitive charge
Qc
VDD = 400V, TJ = 25ºC,
Qc=
∫
18
nC
Fig.4
CapacitanceStored Energy
Ec
VR = 400V
4.3
uJ
Fig.5
Thermal Characteristics
Parameter
Symbol
Typ.
Unit Note
Thermal Resistance from Junction to Case
RthJC
8.8
ºC/W Fig.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com