Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPCF8N65A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MPCF8N65A
Description  Zero Reverse Recovery Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPCF8N65A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MPCF8N65A Datasheet HTML 1Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 2Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 3Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 4Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 5Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 6Page - First Silicon Co., Ltd MPCF8N65A Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2021.11.30
Revision No : 0
2/7
MPCX8N65ASeries
Electrical Characteristics TJ= 25°C,unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Note
Min. Typ. Max.
Forward Voltage
VF
IF = 8A, TJ =25°C
--
1.42
1.65
V
Fig.1
IF = 8A, TJ =175°C
--
1.75
2.3
Reverse Current
IR
VR = 650V, TJ = 25°C
--
1
20
uA
Fig.2
VR = 650V, TJ = 175°C
--
5
100
uA
Total Capacitance
C
VR = 0V, f=1MHZ
--
520
--
pF
Fig.3
VR = 200V, f=1MHZ
--
50
--
VR = 400V, f=1MHZ
--
41
--
Total Capacitive charge
Qc
26
nC
Fig.4
Capacitance Stored Energy
Ec
VR = 400V
2.8
uJ
Fig.5
Thermal Characteristics
Parameter
Symbol
Typ.
Unit Note
220F
220
252
Thermal Resistance from Junction toCase
RthJC
8.8
1.28
°C /W Fig.8
VDD = 400V, TJ = 25ºC,
Qc=
∫



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com