Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF01 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # SDF01
Description  With low holding and latching current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SDF01 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  SDF01 Datasheet HTML 1Page - First Silicon Co., Ltd SDF01 Datasheet HTML 2Page - First Silicon Co., Ltd SDF01 Datasheet HTML 3Page - First Silicon Co., Ltd SDF01 Datasheet HTML 4Page - First Silicon Co., Ltd SDF01 Datasheet HTML 5Page - First Silicon Co., Ltd SDF01 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2021. 05. 21
6/6
Revision No : 0
SDF01
FIG.6: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<20ms and
corresponding value of I t (dI/dt < 20A/ s)
tp(ms)
0.01
0.1
1
10
20
1
ITSM (A), I t (A s)
-40 -20
0
20
40
60
80
100
120 140
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25 )
0.0
0.5
1.5
2.0
3.0
2
2
1.0
2.5
Tj( )
100
10
400
2
I t2
IGT1-3
IH&IL
IGT4
dI/dt
ITSM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com