Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF0105-821 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # SDF0105-821
Description  With low holding and latching current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SDF0105-821 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  SDF0105-821 Datasheet HTML 1Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 2Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 3Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 4Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 5Page - First Silicon Co., Ltd SDF0105-821 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2021. 05. 21
5/6
Revision No : 0
SDF01
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
D
E
F
G
H
J
K
N
P
V
4.45
4.32
3.18
0.407
5.20
5.33
4.19
0.533
0.175
0.170
0.125
0.016
0.205
0.210
0.165
0.021
0.60
0.80
1.1
0.043
0.36
0.50
0.014
0.020
15.0
12.70
0.500
0.591
2.04
2.66
0.080
0.105
1.86
2.06
0.073
0.081
4.3
0.169
-
-
0.024
0.031
TO-92
FIG.1: Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature
I T(RMS)
(A)
P(w)
0
0.2
0.4
0.6
0.8
1.0
0
IT(RMS)
(A)
TC ( )
0
0
25
50
75
100
125
1.0
1.2
0.4
0.8
1.2
1.6
0.2
0.4
0.6
0.8
TO-92
SOT-89/SOT-89-2L
SOT-223/SOT-223-2L
=180°
FIG.3: Surge peak on-state current versus
number of cycles
FIG.4: On-state characteristics (maximum
values)
1
10
100
1000
Number of cycles
0
ITSM (A)
ITM (A)
VTM (V)
0
1
2
3
4
5
0.1
1
Tj=25
20
12
16
10
t=20ms
One cycle
Tj=Tjmax
4
8
20
N
V
A
E
D
J
G
0.050
0.091
1.27
-
-
-
-
-
-
-
-
-
-
-
-
2.30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com