Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2 Datasheet(PDF) 1 Page - E-SWITCH

Part # WS2
Description  WS2 Series Snap Action Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

WS2 Datasheet(HTML) 1 Page - E-SWITCH

  WS2 Datasheet HTML 1Page - E-SWITCH WS2 Datasheet HTML 2Page - E-SWITCH WS2 Datasheet HTML 3Page - E-SWITCH WS2 Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-switch.com
800.867.2717
1
RoHS
Electrical Housewares
Floor Care Appliances
White Goods
Vending Machines
HVAC
Specifications
Part Number Configurator
Features & Benefits
Applications / Markets
WS2 Series Snap Action Switch
Specifications subject to change without notice
• Multiple termination options
• IP67 rated
Contact Rating: 01 = 2A @ 30VDC or
2A @ 250VAC
Contact Resistance: 50mΩ Max.
Insulation Resistance: 100MΩ Max. @ 500VDC
Dielectric Strength: 500VAC for 1 minute
Electrical Life: 100,000 Cycles MIN.
Mechanical Life: 500,000 Cycles MIN.
Operating Temperature: -25°C to 85°C
Moisture Protection: IP67
Opertating Force: 130 gf MAX.
Medical Equipment
WS2
085 - 85°C
00 - Pin Plunger
Series
Operating
Temperature
Actuator
01 - 2A @ 30VDC or
2A @ 250VAC
Current
Rating
F183 - 183 gf
Operating
Force
S1 - Solder Lug
C1 - 0.0110” Quick
Connect
P1 - PCB Pin
Termination
A - SPDT
Circuit
Specifications subject to change without notice 3.14.2022


Similar Part No. - WS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2 ETC-WS2 Datasheet
240Kb / 2P
PS-900 Soldering System High Power. Superior Control. Cost Effective.
Jan. 2008
logo
OKI electronic componet...
WS2 OKI-WS2 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS2 METCAL-WS2 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
WS2 METCAL-WS2 Datasheet
326Kb / 1P
MFR/PS Accessories & Spare Parts
WS2 METCAL-WS2 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
More results

Similar Description - WS2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com