Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 7N65
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

7N65 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  7N65 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 7N65 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics TC=25℃ unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristic
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V,ID = 250mA
650
-
-
V
△V(BR)DSS
/△TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25℃,
ID =
250μA
-
0.5
-
V/℃
IDSS
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
-
-
1
μA
VDS = 520V, TC = 125℃
-
-
50
μA
IGSS
Gate to Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±10
nA
On Characteristics
VGS(th)
Gate Threshold Voltage note4
VDS = VGS, ID = 250
μA
2
-
4
V
RDS(on)
Static Drain-Source On-Resistance
VGS =10V, ID = 3.5A
-
1.0
1.27
Ω
gFS
Forward Transconductance
VDS =15V, ID = 3.5A
-
6
-
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
-
1145
-
pF
Coss
Output Capacitance
-
130
-
pF
Crss
Reverse Transfer Capacitance
-
28
-
pF
Qg
Total Gate Charge
VDD = 520V, ID = 7A,
VGS = 10V
-
41
-
nC
Qgs
Gate-Source Charge
-
7.5
-
nC
Qgd
Gate-
Drain(“Miller”) Charge
-
22
-
nC
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 325V, ID = 3.5A,
RG = 4.7
Ω, VGS = 10V
-
20
-
ns
tr
Turn-On Rise Time
-
12
-
ns
td(off)
Turn-Off Delay Time
-
45
-
ns
tf
Turn-Off Fall Time
-
15
-
ns
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
7
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
28
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = 7A
-
-
1.6
V
trr
Reverse Recovery Time
VGS = 0V, IF = 7A,
di/dt
=100A/μs
-
400
-
ns
Qrr
Reverse Recovery Charge
-
2.6
-
uC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 10mH, IAS = 7A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 7A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse width
≤ 300μs; duty cycle ≤ 2%.
7N65
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
- 2 -
www.sztuofeng.com
,2018 V1.0
Mar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com