Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC Datasheet(PDF) 1 Page - Alpha Wire

Part # PPC
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PPC Datasheet(HTML) 1 Page - Alpha Wire

  PPC Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Numbers: PPC7-PPC29
Issue:
2
Spec Number: PPC
Issue Date:
02/27/2018
Page 1 of 1 Pages
Effective Date:
02/27/2018
Although Alpha Wire ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of
or in connection with the use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-
52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A. Technical Details
1) Material
a) Body
PA 6 (Polyamide 6)
b) Cap
PA 6 (Polyamide 6)
c)
Seal
CR (Chloroprene Rubber)
2) Color
a) Gray, RAL 7001
b) Black, RAL 9005
3) Protection Class
a) IP 68
5 Bar, 30 min
b) IP 66
4) Flammability
a) V2
(According to UL94)
5) Temperature Rating
a) Permanent
-20°C to +100°C
b) Intermittent
-30°C to +150°C
6) Thread Type
a) PG according to DIN 40430
7) Approvals
a) UL
UL 514
b) CSA
CSA C22.2
B. Packaging Requirements
1) Standard Package
10 glands per package
Size
Clamping Range
Ø min-max
mm
inch
Thread Length
TL
mm
inch
Thread Ø
TD
mm
inch
Spanner Width
SW CAP
SW BODY
mm
Inch
mm
Inch
Outer Ø
D
mm
inch
Height
H
mm
inch
Part
Number
PG 7
3,0-6,5
0.118-0.256
8
0.315
12,5
0.492
15
0.591
15
0.591
16,9
0.665
22,0
0.866
PPC7
PG 9
4,0-8,0
0.157-0.315
8
0.315
15,2
0.598
19
0.748
19
0.748
21,9
0.862
26,5
1.043
PPC9
PG 11
5,0-10,0
0.197-0.394
8
0.315
18,6
0.732
22
0.866
22
0.866
25,0
0.984
29,0
1.142
PPC11
PG 13.5
6,0-12,0
0.236-0.472
10
0.394
20,4
0.803
24
0.945
24
0.945
27,0
1.063
29,0
1.142
PPC13
PG16
10,0-14,0
0.394-0.551
10
0.394
22,5
0.886
27
1.063
27
1.063
30,9
1.216
31,0
1.22
PPC16
PG 21
13,0-18,0
0.512-0.709
11
0.433
28,3
1.114
33
1.299
33
1.299
38,0
1.496
37,0
1.457
PPC21
PG 29
18,0-25,0
0.709-0.984
11
0.433
37,0
1.457
42
1.654
42
1.654
47,3
1.862
41,0
1.614
PPC29


Similar Part No. - PPC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103DC-BBARE ADVANTECH-PPC-103DC-BBARE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPC

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com