Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPS Datasheet(PDF) 1 Page - Alpha Wire

Part # PPS
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PPS Datasheet(HTML) 1 Page - Alpha Wire

  PPS Datasheet HTML 1Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Numbers: PPS7-PPS16
Issue:
1
Spec Number: PPS
Issue Date:
11/01/2017
Page 1 of 1 Pages
Effective Date:
11/13/2017
Although Alpha Wire ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not
ensure product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or
implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever,
even if Alpha has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of
or in connection with the use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A. Technical Details
1) Material
a) Body
PA 6 (Polyamide 6)
b) Cap
PA 6 (Polyamide 6)
c)
Seal
CR (Chloroprene Rubber)
2) Color
a) Gray, RAL 7001
3) Protection Class
a) IP 68
5 Bar, 30 min
b) IP 66
4) Flammability
a) V2
(According to UL94)
5) Temperature Rating
a) Permanent
-20°C to +100°C
b) Intermittent
-30°C to +150°C
6) Thread Type
a) PG according to DIN 40430
7) Approvals
a) UL
UL 514
b) CSA
CSA C22.2
B. Packaging Requirements
1) Standard Package
10 glands per package
Size
Clamping Range
Ø min-max
mm
inch
Thread Length
TL
mm
inch
Thread Ø
TD
mm
inch
Spanner Width
SW CAP
SW BODY
mm
Inch
mm
Inch
Outer Ø
D
mm
inch
Max. Height
H
mm
inch
Part
Number
PG 7
3,0-6,5
0.118-0.256
8,0
0.315
12,5
0.492
15
0.591
15
0.591
17,2
0.677
57,5
2.264
PPS7
PG 9
4,0-8,0
0.157-0.315
8,0
0.315
15,2
0.598
19
0.748
19
0.748
21,8
0.858
69,4
2.732
PPS9
PG 11
5,0-10,0
0.197-0.394
8,0
0.315
18,6
0.732
22
0.866
22
0.866
25,3
0.996
81,6
3.213
PPS11
PG 13.5
6,0-12,0
0.236-0.473
10,0
0.394
20,4
0.803
24
0.945
24
0.945
27,6
1.087
93,5
3.681
PPS13
PG16
10,0-14,0
0.394-0.551
10,0
0.394
22,5
0.886
27
1.063
27
1.063
31,1
1.224
106,0
4.173
PPS16


Similar Part No. - PPS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
High dvdt ??Good Pulse Current ??Stable with temperature
logo
VIGO Photonics S.A.
PPS-03 VIGO-PPS-03 Datasheet
634Kb / 1P
PPS-03 preamplifier power supplies
14/09/2020
PPS-03-09 VIGO-PPS-03-09 Datasheet
634Kb / 1P
PPS-03 preamplifier power supplies
14/09/2020
PPS-03-12 VIGO-PPS-03-12 Datasheet
634Kb / 1P
PPS-03 preamplifier power supplies
14/09/2020
logo
American Accurate Compo...
PPS-05A-50R0M AAC-PPS-05A-50R0M Datasheet
171Kb / 2P
POWER SPLITTER - High Precision Power Chip Divider
More results

Similar Description - PPS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com